M24C16-RMB6T
AI

## Overview of the M24C16-RMB6TG
The **M24C16-RMB6TG** is a 16-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is designed for low-power, low-voltage applications typically found in consumer electronics and industrial devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 bytes) |
| **Organization** | 2048 x 8 bits (arranged in 8 blocks of 256 bytes) |
| **Interface** | I²C Serial (Two-wire) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C |
| **Write Cycles** | 4 Million cycles (typical) |
| **Data Retention** | 200 Years |
---
### 2. Pin Configuration and Functions
The M24C16-RMB6TG usually comes in an 8-pin package. Below is the standard functional mapping:
| Pin | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| **1-3** | **NC / E0-E2** | Input | Not Connected or Chip Enable (Note: M24C16 uses internal addressing for blocks). |
| **4** | **Vss** | Supply | Ground. |
| **5** | **SDA** | I/O | Serial Data - Bidirectional for data transfer. |
| **6** | **SCL** | Input | Serial Clock - Synchronizes data movement. |
| **7** | **WC** | Input | Write Control - Hardware protection. If HIGH, write operations are inhibited. |
| **8** | **Vcc** | Supply | Positive supply voltage. |
---
### 3. Core Electronic Features
#### I²C Protocol Handling
The device acts as a **slave** on the I²C bus. It responds to a specific 7-bit device address. Since the M24C16 is 16 Kbits, it uses the 3 least significant bits of the device code to select one of the eight 256-byte blocks of memory.
#### Write Protection (WC Pin)
This is a critical safety feature.
* **WC at VIL (Low):** The entire memory is writable.
* **WC at VIH (High):** The entire memory is write-protected (read-only mode), preventing accidental data corruption.
#### Low Power Consumption
* **Active Read Current:** < 1 mA.
* **Standby Current:** < 1 µA (at 1.8V).
This makes it ideal for battery-operated devices like wearables or remote sensors.
#### Page Write Mode
The device supports a **16-byte Page Write**. This allows up to 16 bytes of data to be written in a single write cycle, significantly improving the efficiency of data logging compared to byte-by-byte writing.
---
### 4. Part Number Breakdown: M24C16-RMB6TG
* **M24**: I²C Serial EEPROM family.
* **C16**: 16 Kbit density.
* **-R**: Operating voltage range of 1.8V to 5.5V.
* **MB**: UFDFPN8 package (2x3 mm).
* **6**: Industrial temperature range (-40 to +85°C).
* **T / G**: Tape & Reel packing and RoHS compliant (Green).
---
- ⤷
How does the internal block addressing work for the M24C16 compared to smaller EEPROMs?
- ⤷ What are the specific pull-up resistor requirements for the SDA and SCL lines?
- ⤷ Can you explain the difference between Byte Write and Page Write timings?