Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M24C16-RMB6TP/W

  • AI
    The **M24C16-RMB6TP/W** is a specific variant of the M24C16 series, which is a 16-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits) | | **Interface** | I2C (Serial 2-Wire) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 4 million (approx.) | | **Data Retention** | 200 years | --- ### 2. Part Number Breakdown The suffixing follows a specific coding logic for STMicroelectronics components: * **M24C16**: Base part number for 16-Kbit I2C EEPROM. * **-R**: Indicates the operating voltage range (1.8V to 5.5V). * **MB**: Refers to the **UFDFPN8** package (2x3 mm). * **6**: Temperature range grade 6 (-40 to +85 °C). * **TP**: Indicates Tape and Reel packaging. * **/W**: Often signifies a specific process technology or wafer fab variation (in this case, typically a specific die revision or process technology). --- ### 3. Pin Configuration (UFDFPN8) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1-3 | E0, E1, E2 | Chip Enable inputs (used to address multiple devices) | | 4 | Vss | Ground | | 5 | SDA | Serial Data (bidirectional) | | 6 | SCL | Serial Clock | | 7 | WC | Write Control (Hardware write protection) | | 8 | Vcc | Supply Voltage | --- ### 4. Core Features & Functionality * **Byte and Page Write**: Supports writing a single byte or a page of up to 16 bytes. * **Random and Sequential Read**: Data can be accessed randomly by specifying an address or sequentially from the last read address. * **Hardware Write Protection**: The **WC pin** allows the user to protect the entire memory against write instructions when connected to Vcc. * **Low Power Consumption**: Designed for battery-operated devices, with very low standby current. --- ### 5. Common Applications * **Consumer Electronics**: Storing configuration settings in cameras, tablets, and smart home devices. * **Computing**: Storing BIOS settings or hardware IDs. * **Industrial**: Parameter storage for sensors and controllers where a small footprint and low power are required.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M24C16 and M24C32 models?
    • ⤷ How does the Write Control (WC) pin function in a circuit?
    • ⤷ What is the physical size of the UFDFPN8 package used in this part?