M24C32-RMB3TGA
AI

## Electronic Overview of M24C32-RMB3TG/A
The **M24C32-RMB3TG/A** is a specific variant of the M24C32 series manufactured by STMicroelectronics. It is a **32-Kbit (4096 x 8-bit) Serial I²C Bus EEPROM** (Electrically Erasable Programmable Read-Only Memory).
This particular part number indicates a high-reliability version, often used in automotive or industrial applications where space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,000 bits / 4 KB) |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Clock Frequency** | 400 kHz (Standard/Fast Mode) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 1) |
| **Write Cycles** | 4 million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
### 2. Functional Features
* **Byte and Page Write:** Supports writing a single byte or a full page of up to **32 bytes**. The internal write cycle is self-timed (typically 5ms).
* **Hardware Write Protection:** The device features a **Write Control (WC)** pin. When pulled High, the entire memory contents become protected (read-only).
* **Low Power Consumption:**
* Active Read Current: < 2 mA
* Standby Current: < 1 µA (at 1.8V)
* **Device Addressing:** The I²C address includes three chip-enable bits (E2, E1, E0), allowing up to 8 similar devices to be connected to the same bus.
---
### 3. Part Number Breakdown: `M24C32-RMB3TG/A`
Understanding the suffix is crucial for identifying the physical and electrical characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **M24** | I²C Serial Access EEPROM |
| **C32** | 32 Kbit capacity |
| **-R** | Supply Voltage: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2 x 3 mm) |
| **3** | Temperature Grade: -40 to +125°C |
| **TG** | Packing: Tape and Reel |
| **A** | Process Technology: High Reliability / Automotive Grade |
---
### 4. Typical Application Circuit
In a standard design, the M24C32 requires pull-up resistors on the SDA (Data) and SCL (Clock) lines.
```cpp
// Example: I2C Pin Connections
// VCC -> 1.8V - 5.5V
// GND -> Ground
// SDA -> Microcontroller SDA (with 4.7k Pull-up)
// SCL -> Microcontroller SCL (with 4.7k Pull-up)
// WC -> GND (to enable writing)
// E0, E1, E2 -> GND (Sets I2C Address to 0x50)
```
- ⤷
What are the differences between the 'R' and 'W' voltage variants in the M24C32 series?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Can this EEPROM be used in high-vibration automotive environments?