AI

# Technical Overview: M24C32-RMB3TG/P
The **M24C32-RMB3TG/P** is a 32-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-voltage, low-power applications.
---
## 1. Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbit (4,096 bytes x 8 bits) |
| **Interface** | I²C Serial (2-wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast-mode) / 1 MHz (Fast-mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Functional Electronic Features
### A. I²C Interface Protocol
The device operates as a **Slave** on the I²C bus. It requires a serial data line (**SDA**) and a serial clock line (**SCL**). It supports multi-master environments and allows up to 8 devices to be connected to the same bus by configuring hardware address pins.
### B. Write Protection (WP)
This part includes a hardware **Write Control (WC)** pin.
* If **WC** is connected to $V_{CC}$, the entire memory contents are protected (read-only).
* If **WC** is connected to $V_{SS}$ (Ground), the memory can be written to.
### C. Page Write Mode
The device supports a **32-byte page write** buffer. This allows up to 32 bytes of data to be written in a single write cycle, significantly improving throughput compared to byte-by-byte writing.
### D. Power Management
* **Low Supply Current:** Typically less than 1 µA in standby mode.
* **Internal Write Cycle:** The device manages the high-voltage timing required to erase and write cells internally, usually completing a write operation in less than 5ms.
---
## 3. Pin Configuration (UFDFPN8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | $V_{SS}$ | Ground |
| 5 | SDA | Serial Data |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control |
| 8 | $V_{CC}$ | Supply Voltage |
---
## 4. Typical Application Circuit
When integrating this part into a circuit, pull-up resistors are required on the SDA and SCL lines because they are open-drain outputs.
```c
// Pseudo-code for initializing a read from address 0x00
void read_eeprom() {
I2C_Start();
I2C_Send_Address(0xA0); // Device Address + Write bit
I2C_Send_Byte(0x00); // High Address Byte
I2C_Send_Byte(0x00); // Low Address Byte
I2C_Restart();
I2C_Send_Address(0xA1); // Device Address + Read bit
Data = I2C_Read_Byte();
I2C_Stop();
}
```
---
- ⤷
What is the significance of the 'RMB3TG/P' suffix in the part number?
- ⤷ How do you calculate the pull-up resistor values for the SDA and SCL lines?
- ⤷ Can this EEPROM be used with a 3.3V microcontroller?