M24C32-RMB5TPP
AI

## M24C32-RMB5TG: Electronic Specifications and Overview
The **M24C32-RMB5TG** is a 32-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-power and low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 32 Kbits (4096 x 8 bits) |
| **Interface** | I²C (Serial 2-Wire) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | 4 million cycles (at 25°C) |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration (UFDFPN8)
The device typically utilizes a small 8-pin footprint. Below is the functional description of the pins:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **E0, E1, E2** | Chip Enable | Used to define the device address on the I²C bus. |
| **SDA** | Serial Data | Bi-directional pin used to transfer data in and out. |
| **SCL** | Serial Clock | Provides the clock signal for data synchronization. |
| **WC** | Write Control | Hardware write protection pin. |
| **Vcc** | Power Supply | 1.8V to 5.5V input. |
| **Vss** | Ground | Reference ground. |
---
### 3. Core Features
* **Byte and Page Write:** Supports writing a single byte or a full page (32 bytes) in a single write cycle.
* **Write Protection:** When the `WC` pin is held High, the entire memory becomes read-only, protecting data from accidental overwrites.
* **Random and Sequential Read:** Data can be accessed from a specific address or streamed sequentially.
* **Low Power Consumption:**
* Active Read Current: < 2 mA
* Standby Current: < 1 µA (at 1.8V)
---
### 4. Part Number Breakdown: `M24C32-RMB5TG`
* **M24**: I²C family of EEPROMs.
* **C32**: 32 Kbit density.
* **-R**: Range of operating voltage (1.8V to 5.5V).
* **MB**: UFDFPN8 package (MLP).
* **5**: Device grade (Industrial temperature range -40 to 85°C).
* **TG**: Tape and Reel packing.
---
### 5. Application Code Example (Arduino/C++)
To interface with this part using the standard `Wire.h` library:
```cpp
#include
#define EEPROM_ADDR 0x50 // Standard base address for M24C32
void writeEEPROM(int address, byte val) {
Wire.beginTransmission(EEPROM_ADDR);
Wire.write((int)(address >> 8)); // MSB
Wire.write((int)(address & 0xFF)); // LSB
Wire.write(val);
Wire.endTransmission();
delay(5); // Write cycle time
}
byte readEEPROM(int address) {
byte rData = 0xFF;
Wire.beginTransmission(EEPROM_ADDR);
Wire.write((int)(address >> 8));
Wire.write((int)(address & 0xFF));
Wire.endTransmission();
Wire.requestFrom(EEPROM_ADDR, 1);
if (Wire.available()) rData = Wire.read();
return rData;
}
```
- ⤷
How does the Write Control (WC) pin behave if left floating?
- ⤷ What is the maximum number of M24C32 devices that can be connected to a single I2C bus?
- ⤷ What are the specific soldering requirements for the UFDFPN8 package?