M2AC-A12-R2/Q
AI

The **M2AC-A12-R2/Q** is a specific industrial electronic component, typically associated with **M2 series industrial sensors** or interface modules (often by manufacturers like Turck, Balluff, or specialized automation brands).
Based on the part number nomenclature, this is an **M12-style Actuator/Sensor interface cable or connector** designed for harsh industrial environments.
---
### 1. Technical Specifications Breakdown
The alphanumeric code represents the following physical and electrical characteristics:
| Part Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M2** | Product Series | Industrial M2-style circular connector series. |
| **AC** | Power/Signal Type | Indicates **AC (Alternating Current)** rating or specific AC coding. |
| **A12** | Connector Type | **M12** standard (12mm thread diameter), commonly 3 to 5 pins. |
| **R2** | Physical Layout | Right-angle (90-degree) connector orientation. |
| **Q** | Locking Mechanism | Quick-disconnect or specific "Quick" coupling thread. |
---
### 2. Electrical Characteristics
This component is designed to handle control signals and low-voltage power for factory automation.
* **Rated Voltage:** Usually up to 250V AC/DC (depending on pin count).
* **Rated Current:** Typically 4A per contact.
* **Insulation Resistance:** $>10^9 \Omega$.
* **Contact Resistance:** $\leq 5 m\Omega$.
* **Protection Class:** IP67 or IP68 (Dust-tight and waterproof when mated).
---
### 3. Construction Materials
To withstand industrial "wash-down" or oily environments, the materials are selected for durability:
* **Housing/Molded Body:** TPU (Thermoplastic Polyurethane) or PVC.
* **Contact Carrier:** Nylon or TPU.
* **Contacts:** Gold-plated brass or copper alloy for high conductivity and corrosion resistance.
* **Coupling Nut:** Nickel-plated brass or Stainless Steel.
* **O-Ring:** FKM or Viton for chemical resistance.
---
### 4. Application Wiring
Standard M12 AC connectors generally follow a specific color-coding for the 3-pin or 4-pin variations used in North American or European markets:
```text
Pin 1: Brown (L1 / Hot)
Pin 2: White (Neutral / N)
Pin 3: Blue (Ground / PE)
Pin 4: Black (Signal / Load)
```
---
### 5. Common Use Cases
1. **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC.
2. **Solenoid Valves:** Powering pneumatic or hydraulic valves in automated lines.
3. **Motor Starters:** Providing control voltage to small AC motors.
4. **Fieldbus Systems:** Used in modular I/O distribution blocks.
- ⤷
What is the maximum current rating for this specific connector?
- ⤷ Does this model support 5-pin configurations for grounding?
- ⤷ Are there stainless steel versions available for food-grade environments?