Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AC-A1B-R/Q

  • AI
    The part number **M2AC-A1B-R/Q** typically refers to a high-precision **M2AC series Signal Conditioner** manufactured by companies like **M-System (now MG CO., LTD)**. These devices are used in industrial automation to convert analog signals into different standardized formats. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the breakdown of the electronic components and functions is as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Signal** | AC Current/Voltage | Designed to measure alternating current or voltage directly. | | **Output Signal** | Isolated Analog | Provides a linear DC output (e.g., 4-20mA or 0-10V). | | **Power Supply** | 100 – 240V AC | Universal AC power input for global compatibility. | | **Accuracy** | ±0.3% | High precision for industrial monitoring. | | **Isolation** | 2000V AC | 3-way isolation between Input, Output, and Power. | | **Response Time** | ≤ 0.5 seconds | Standard industrial response for steady-state monitoring. | --- ### 2. Breakdown of the Model Suffixes The alphanumeric code describes the specific hardware configuration: * **M2AC:** Series designation (Plug-in Signal Conditioner for AC input). * **A1:** Typically denotes the specific **Input Type** (e.g., 0–1A AC or 0–5A AC depending on the sub-catalog). * **B:** Denotes the **Output Type** (Commonly represents a 4–20mA DC current loop). * **R/Q:** * **R:** Indicates the power input (often 24V DC or specific AC ranges). * **Q:** Indicates a "Special Order" or specific quality certification (e.g., conformal coating or specific testing). --- ### 3. Internal Circuit Components The device is composed of several critical electronic stages: 1. **Input Transformer:** Steps down high AC voltage or current to a measurable level while providing galvanic isolation. 2. **Rectifier/Filter Circuit:** Converts the AC waveform into a smooth DC ripple for processing. 3. **Operational Amplifiers (Op-Amps):** Used for scaling the signal and ensuring linearity across the measurement range. 4. **Optical Isolator:** Separates the processing circuit from the output stage to prevent ground loops and protect equipment. 5. **Voltage Regulator:** Ensures the internal electronics receive stable power despite fluctuations in the mains supply. --- ### 4. Connection Diagram (General) ```text [ AC INPUT ] ----> ( Isolation ) ----> [ Processing ] ----> ( Isolation ) ----> [ DC OUTPUT ] (L1/L2) (4-20mA) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input range for the A1 code in this model?
    • ⤷ How do I mount this signal conditioner on a DIN rail?
    • ⤷ Does the /Q suffix imply a specific hazardous area certification?