M2AC-A23-R2/CE
AI

The **M2AC-A23-R2/CE** is a specific model of an **M2 Series signal conditioner** (isolator) manufactured by **M-System**. It is designed to convert an AC voltage input into a standard DC output signal, providing galvanic isolation between the input, output, and power supply.
---
### ## Technical Specifications
The model number can be broken down into specific electronic components and configurations:
| Component Code | Description | Specification Details |
| :--- | :--- | :--- |
| **M2AC** | **Base Model** | AC Transmitter (Signal Conditioner) |
| **A** | **Input** | 0 – 100V AC |
| **23** | **Output** | 0 – 10V DC (High Impedance) |
| **R** | **Power Input** | 24V DC |
| **2** | **Accuracy/Option** | Standard Accuracy |
| **CE** | **Certification** | CE Marking (European Conformity) |
---
### ## Key Electronic Features
1. **Isolation Technology**:
It features **3-way isolation**. This means the Input, Output, and Power circuits are electrically separated. This protects sensitive PLC/DCS inputs from high-voltage surges or ground loops on the AC line.
2. **Signal Conversion (RMS vs. Mean)**:
While specific to the internal circuitry, these units typically use a mean-rectifying circuit calibrated to the RMS value of a sine wave to convert AC voltage into a steady DC voltage.
3. **Physical Interface**:
* **Socket-type mounting**: The electronic core is housed in a module that plugs into a base socket (M2N series), allowing for easy replacement without rewiring.
* **DIN Rail Mount**: Designed for standard industrial control panels.
4. **Output Drive**:
The "23" code indicates a 0-10V DC output, which typically requires a load resistance of $10k \Omega$ or higher.
---
### ## Connection Diagram (Conceptual)
```mermaid
graph LR
A[AC Input: 0-100V] --> B{M2AC Unit}
C[Power: 24V DC] --> B
B --> D[DC Output: 0-10V]
```
---
### ## Common Applications
* **Grid Monitoring**: Converting 100V AC mains voltage into a 0-10V signal for PLC monitoring.
* **Motor Control**: Monitoring the voltage supply to industrial motors to detect under-voltage or over-voltage conditions.
* **Noise Reduction**: Using the isolation feature to prevent electrical noise from the power lines from entering sensitive measurement systems.
- ⤷What is the maximum power consumption for the M2AC series?
- ⤷ Can this unit handle non-sinusoidal AC waveforms?
- ⤷ What is the dielectric strength between the input and output terminals?