Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AC-AA0-R

  • AI
    The **M2AC-AA0-R** is a specific part number belonging to the **M2AC series** of high-performance AC servo motors, typically manufactured by companies like **Delta Electronics** (specifically within the ASDA-A2 or similar motion control families). These motors are designed for high-precision industrial automation. --- ### 1. Part Number Breakdown The nomenclature reveals the core technical specifications of the electronic and mechanical components: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | M2AC | Industrial AC Servo Motor Series | | **Voltage** | A | 220V AC Input Class | | **Power/Inertia** | A0 | Low Inertia / Specific Wattage Rating (usually 100W or 400W depending on frame size) | | **Shaft/Brake** | R | Keyway shaft with specific oil seal or mounting configuration | --- ### 2. Core Electronic Components The internal electronics of the M2AC-AA0-R are divided into three primary functional groups: #### A. The Stator and Windings * **Three-Phase Permanent Magnet Synchronous Motor (PMSM):** The motor utilizes high-grade neodymium magnets. * **Insulation Class:** Typically Class F, allowing for high-temperature durability during continuous operation. * **Wiring:** Standardized U, V, W leads for connection to the Servo Drive. #### B. Feedback System (Encoder) This is the most critical electronic part of the assembly. * **Resolution:** Usually equipped with a 20-bit (1,280,000 pulses/rev) or 17-bit high-resolution optical/magnetic encoder. * **Communication:** Serial communication protocol to provide real-time position, speed, and torque feedback to the drive. #### C. Thermal and Protection Circuitry * **Thermal Sensors:** Embedded thermistors within the windings to prevent burnout by signaling the drive to shut down if temperatures exceed safe limits. * **Oil Seal/IP Rating:** While mechanical, the "R" designation often implies specific protection ratings (like IP65) to protect the internal electronics from moisture and dust. --- ### 3. Technical Specifications Common performance metrics for this class of motor: | Feature | Specification | | :--- | :--- | | **Rated Output** | 100W - 400W (Model dependent) | | **Rated Torque** | ~0.32 Nm to 1.27 Nm | | **Max Speed** | 5000 RPM | | **Input Voltage** | 200V - 230V AC | | **Feedback Type** | Absolute or Incremental Encoder | --- ### 4. Application Examples The electronic precision of the M2AC-AA0-R makes it ideal for: 1. **SMT (Surface Mount Technology) Machines:** High-speed pick and place. 2. **Medical Equipment:** Precise fluid pumping or scanning movement. 3. **Robotic Arms:** Joint articulation requiring low inertia for fast acceleration. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage rating for the A0 configuration of the M2AC series?
    • ⤷ Is the M2AC-AA0-R compatible with third-party servo drives or only brand-specific ones?
    • ⤷ Does this model include a built-in electromagnetic brake?