M2AC-AZE-R/CE
AI

The **M2AC-AZE-R/CE** is a high-performance, compact AC signal conditioner (transducer) manufactured by **M-System** (now MG CO., LTD.). It belongs to the M2 series and is designed to convert an alternating current (AC) input into a standard DC output signal.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the M2AC-AZE-R/CE:
| Component | Specification |
| :--- | :--- |
| **Model Series** | M2 Series (Plug-in Signal Conditioners) |
| **Input Signal** | 0 – 1 A AC or 0 – 5 A AC (Selectable) |
| **Output Signal** | 4 – 20 mA DC (Current Output) |
| **Power Supply** | 24V DC (Operational range: 24V ±10%) |
| **Accuracy** | ±0.3% of span |
| **Response Time** | $\leq$ 0.5 seconds (0 – 90%) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
## 2. Key Electronic Features
### A. RMS Sensing
Unlike basic rectifiers that average the signal, this device uses **RMS (Root Mean Square)** sensing. This allows the electronic circuitry to accurately measure distorted waveforms or non-sinusoidal currents, which is critical in environments with high electrical noise or Variable Frequency Drives (VFDs).
### B. Three-Way Isolation
The internal electronics are designed to provide complete galvanic isolation between:
1. **The Input:** High voltage/current AC side.
2. **The Output:** Low voltage DC control loop (PLC/DCS).
3. **The Power:** 24V DC supply.
This prevents ground loops and protects sensitive control equipment from electrical surges.
### C. Zero and Span Adjustments
The front panel contains multi-turn potentiometers. These allow for fine-tuning the electronics to ensure that a 0A input results in exactly 4mA and a maximum input results in exactly 20mA.
---
## 3. Circuit Block Diagram (Internal)
The electronic processing follows this general path:
1. **Input Transformer:** Steps down the high AC current to a millivolt signal.
2. **RMS Converter IC:** Converts the AC waveform into a proportional DC voltage.
3. **Isolation Barrier:** Uses an opto-isolator or transformer to pass the signal to the output stage.
4. **Output Amplifier:** Converts the DC voltage into a regulated 4-20mA current loop.
---
## 4. Part Number Breakdown (M2AC-AZE-R/CE)
* **M2AC:** Model type (AC Current Transmitter).
* **A:** Input Type (AC Current).
* **Z:** Input Range (Specific code for 1A/5A).
* **E:** Output Type (4-20mA DC).
* **R:** Power Input (24V DC).
* **CE:** Conformity mark (European Safety Standards).
- ⤷
What is the maximum allowable input current for this device?
- ⤷ Does this model support mounting on a standard DIN rail?
- ⤷ What are the specific wiring requirements for the 4-20mA output loop?