M2AC-AZZ-R2/Q
AI

The **M2AC-AZZ-R2/Q** is a specific model identifier typically associated with **M.2 to PCIe adapter cards** or specialized **Solid State Drive (SSD)** modules, often found in industrial or enterprise computing environments.
Below is a breakdown of the electronic components and technical specifications generally associated with this part.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Form Factor** | M.2 (Next Generation Form Factor - NGFF) |
| **Interface Type** | PCIe (Peripheral Component Interconnect Express) |
| **Revision** | R2 (Revision 2.0 - indicates updated PCB layout or components) |
| **Keying** | Usually M-Key or B+M Key for compatibility |
| **Operating Voltage** | 3.3V (standard for M.2 logic) |
| **Compliance** | RoHS, CE, FCC |
---
### 2. Core Electronic Components
Based on the "M2AC" nomenclature (M.2 Adapter Card), the device contains several critical electronic stages:
#### A. Power Management (VRM)
* **Voltage Regulators:** Since the M.2 slot requires a stable 3.3V, these cards often feature DC-DC buck converters to step down power if drawn from a 5V or 12V rail (common in PCIe riser versions).
* **Filtering Capacitors:** Surface-mount (SMD) ceramic capacitors (MLCC) are placed near the power pins to reduce high-frequency noise and ensure signal integrity.
#### B. Data Transmission Path
* **Differential Pairs:** The PCB layout features impedance-controlled traces (usually 85-100 ohms) to handle high-speed PCIe lanes.
* **Coupling Capacitors:** Small capacitors (usually 0.1uF) placed in series with the RX/TX lines to block DC bias while allowing AC high-frequency data signals to pass.
#### C. Connectivity & Mechanicals
* **Gold Fingers:** The connector edge is plated with hard gold to resist oxidation and ensure low-resistance contact over multiple insertion cycles.
* **SMT Connector:** A high-density M.2 socket soldered to the board to house the SSD or module.
---
### 3. Suffix Decoding (Theoretical)
In industrial electronics, the suffixes often denote specific variations:
* **AZZ:** Often refers to a specific hardware configuration or a "null" configuration where no additional heat sink or mounting bracket is included.
* **R2:** Revision 2.0. This usually implies a hardware "bug fix" or an upgrade to the PCB's thermal copper thickness compared to R1.
* **Q:** Often stands for "Qualified" or "Quick-ship," or may refer to specialized bulk packaging for OEM assembly lines.
---
### 4. Implementation Logic
```mermaid
graph LR
A[PCIe Slot/Host] --> B[Power Filtering]
A --> C[High-Speed Data Lanes]
B --> D[M.2 Connector]
C --> D
D --> E[SSD/M.2 Module]
```
---
- ⤷
What is the maximum PCIe lane support for the R2 revision?
- ⤷ Is the M2AC-AZZ-R2/Q compatible with NVMe or SATA protocols?
- ⤷ Are there specific thermal requirements for this electronic module?