Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2ADS-214-R

  • AI
    The **M2ADS-214-R** is a high-performance, industrial-grade dual-port 10G/1G/100M Ethernet Network Adapter. It is typically designed for high-density server environments, virtualization, and high-speed data transfer applications. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Controller** | Intel® X550-AT2 (typically) | | **Interface Type** | PCI Express (PCIe) v3.0 x4 (or x8 depending on revision) | | **Port Configuration** | Dual Port (2 Ports) | | **Data Rate** | 10Gbps / 1Gbps / 100Mbps per port | | **Connector Type** | RJ-45 (Copper) | | **Cabling Type** | Cat 6 (up to 55m) / Cat 6A (up to 100m) | --- ### 2. Core Electronic Components & Features #### A. Integrated PHY (Physical Layer) The device utilizes a sophisticated Physical Layer transceiver that supports **NBASE-T** technology. This allows the card to negotiate speeds between 100M and 10G, providing backwards compatibility with older infrastructure while enabling high-speed uplinks. #### B. Power Management & Heat Dissipation * **Active/Passive Cooling:** Due to the high power consumption of 10G copper (Base-T) transceivers, these cards feature large aluminum heat sinks. * **Energy Efficient Ethernet (EEE):** Supports IEEE 802.3az to reduce power consumption during periods of low data activity. #### C. Hardware Offloading Capabilities The internal circuitry is designed to offload specific tasks from the host CPU to improve overall system efficiency: * **Checksum Offloading:** TCP/UDP/IP checksum calculation. * **Segmentation Offloading:** TCP Segmentation Offload (TSO). * **Virtualization:** Supports VMDq (Virtual Machine Device Queues) and SR-IOV (Single Root I/O Virtualization) for cloud environments. --- ### 3. Application Use Cases 1. **Server Virtualization:** Providing high bandwidth for multiple Virtual Machines (VMs). 2. **Storage Area Networks (SAN):** Ideal for iSCSI and FCoE (Fibre Channel over Ethernet) deployments. 3. **High-Performance Computing (HPC):** Used in clusters requiring low-latency, high-throughput interconnects. --- ### 4. Comparison: Copper (RJ45) vs. Fiber (SFP+) The "R" in the model often signifies the **RJ45** interface. | Feature | RJ45 (M2ADS-214-R) | SFP+ (Fiber) | | :--- | :--- | :--- | | **Media Cost** | Low (Standard Cat6a) | High (Transceivers + Fiber) | | **Power Consumption** | Higher | Lower | | **Maximum Distance** | 100 Meters | Up to 10km+ | | **Ease of Install** | High (Plug and Play) | Moderate (Fragile cables) |
    ✨ Follow-up Questions
    • ⤷ What are the specific driver requirements for the M2ADS-214-R on Linux systems?
    • ⤷ Does this model support SR-IOV for VMware environments?
    • ⤷ What is the maximum power draw (TDP) for this specific network card?