AI

The **M2ADS-AA14-R** is a specific variant of a rotary encoder/switch, typically associated with high-precision industrial or automotive control interfaces. It is often identified as a **multi-function cockpit controller** or a **center console rotary switch**.
---
### 1. Technical Specifications
This component combines rotational input with push-button and joystick (tilting) functionality.
| Parameter | Description |
| :--- | :--- |
| **Component Type** | Multi-directional Rotary Encoder / Switch |
| **Input Axes** | Rotation (CW/CCW), 4-Way Tilt (Up, Down, Left, Right), Push-Center |
| **Interface** | Digital (usually Gray Code or Pulse output) |
| **Mounting Type** | Through-hole or Connector-based (PCB Mount) |
| **Tactile Feedback** | Detented (Clicks during rotation) |
---
### 2. Core Electronic Features
#### A. Multi-Axis Integration
The "AA14" designation usually refers to the specific configuration of electrical poles and throws. It integrates:
- **Rotary Encoder:** Provides digital pulses to sense how much the knob has been turned.
- **Directional Switch:** Functioning like a 4-way joystick for menu navigation.
- **Momentary Switch:** The "Enter" or "OK" function when the knob is pressed down.
#### B. Durability and Sealing
As indicated by the "R" suffix (often denoting RoHS compliance or specific Ruggedization), these parts are built for high cycle counts:
- **Operating Life:** Often rated for 100,000 to 1,000,000 cycles.
- **Environmental:** Often features dust protection to ensure contact reliability over time.
---
### 3. Pinout and Circuitry
While specific pinouts depend on the manufacturer (often Alps Alpine or similar suppliers), the electronic architecture generally follows this pattern:
```c
// Simplified Logic Diagram
[Pin 1-2] : Common Ground
[Pin 3-4] : Quadrature Phase A / Phase B (Rotary)
[Pin 5-8] : Directional Signals (N, S, E, W)
[Pin 9] : Center Push Signal
```
---
### 4. Common Applications
Due to its complex input capability, the M2ADS-AA14-R is primarily found in:
1. **Automotive Infotainment:** Controlling GPS maps, volume, and menu selection.
2. **Medical Equipment:** Navigating settings on patient monitors or ultrasound machines.
3. **Industrial Automation:** Human-Machine Interfaces (HMI) for CNC machines or robotic controllers.
- ⤷
What is the exact pinout diagram for the M2ADS-AA14-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ Can this switch be interfaced directly with an Arduino or ESP32?