Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2ADS-AA14-R2/Q

  • AI
    The **M2ADS-AA14-R2/Q** is a specific variant of a magnetic sensor or industrial component, likely belonging to a series of **Magnetoresistive (MR) Sensors** or high-precision position encoders. Below is a breakdown of the electronic characteristics and technical specifications typically associated with this part number. --- ### 1. General Specifications The device is designed for non-contact sensing, utilizing the magnetoresistive effect to detect changes in magnetic fields, often for motion control or angular positioning. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Anisotropic Magnetoresistive (AMR) | | **Input Voltage** | Typically 5V DC ± 10% | | **Output Interface** | Analog Sin/Cos or Digital Differential (RS-422) | | **Resolution** | High-resolution interpolation (part-dependent) | | **Connector Type** | Standard industrial circular or ribbon connector | --- ### 2. Core Electronic Components The internal circuitry consists of several key stages: * **MR Sensor Bridge:** A Wheatstone bridge configuration of magnetoresistive thin films. As a magnetic scale moves past, the resistance changes, producing a sine/cosine wave. * **Signal Conditioning:** Operational amplifiers (Op-Amps) that amplify the low-level signals from the bridge and filter out high-frequency noise. * **Automatic Gain Control (AGC):** Ensures the output signal remains stable even if the air gap between the sensor and the magnetic target fluctuates. * **Line Driver:** For "R2/Q" variants, this often includes a differential line driver to transmit signals over long distances without electromagnetic interference (EMI). --- ### 3. Pinout and Wiring (General Configuration) While specific pinouts vary by manufacturer (often associated with brands like Renishaw or Bogen), the standard configuration for this class of device is as follows: | Pin | Function | Description | | :--- | :--- | :--- | | **VCC** | Power Supply | +5V Input | | **GND** | Ground | 0V Reference | | **A+ / A-** | Channel A | Differential Sine / Pulse | | **B+ / B-** | Channel B | Differential Cosine / Pulse | | **Z+ / Z-** | Index / Reference | Zero-point marker pulse | | **Shield** | Case Ground | EMI Protection | --- ### 4. Technical Application Notes * **Air Gap Sensitivity:** Electronic performance is highly dependent on the "Air Gap" (the distance between the sensor head and the magnetic track). If the gap is too large, the electronic signal-to-noise ratio decreases. * **Termination:** If using the RS-422 digital output, ensure 120-ohm termination resistors are used at the receiving end (PLC/Controller) to prevent signal reflection. * **Hysteresis:** The internal electronics include built-in hysteresis to prevent "chatter" or false triggering when the sensor is stationary near a transition point. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency or speed for this sensor?
    • ⤷ Does this model output an analog sine/cosine wave or a square wave TTL signal?
    • ⤷ What is the recommended air gap distance for optimal signal strength?