Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2ADS-E13-R

  • AI
    The **M2ADS-E13-R** belongs to a series of magnetic sensors, typically categorized as **Magnetic Proximity Switches** or **Magnetic Reed Sensors**. These components are widely used in industrial automation for position sensing and limit detection. --- ## 1. Core Technical Specifications The device operates on electromagnetic principles, using a magnetic field to actuate an internal switch without physical contact. | Feature | Description | | :--- | :--- | | **Sensor Type** | Magnetic Reed / Proximity | | **Output Type** | SPST (Single Pole Single Throw) - Normally Open (NO) | | **Max Voltage** | Typically 100V - 250V AC/DC (model dependent) | | **Max Current** | 0.5A to 1.0A | | **Housing Material** | Metallic (Brass/Stainless Steel) or High-grade Plastic | | **Protection Rating** | Usually IP67 (Dust tight and water immersion resistant) | --- ## 2. Internal Electronic Components The "E13" series generally features the following internal architecture: ### A. The Reed Switch The heart of the device is a **hermetically sealed glass envelope** containing two ferromagnetic flexible metal reeds. * **Mechanism:** When a permanent magnet moves within the sensing range, the reeds become magnetized and pull together, closing the circuit. * **Durability:** Because the contacts are sealed in inert gas, they are resistant to oxidation and sparks. ### B. Protection Circuitry (The "-R" Suffix) The **-R** suffix often denotes the inclusion of a specific electronic protection or indicator: 1. **LED Indicator:** Many models include a Red/Green LED to show the switching status (Power vs. Signal). 2. **Resistor/Varistor:** Internal components to protect the reed contacts from voltage spikes (EMF) caused by inductive loads like solenoids or relays. --- ## 3. Connection and Wiring Most M2ADS sensors utilize a standard 2-wire or 3-wire configuration: ```c // Standard 2-Wire (Normally Open) [ Brown Wire ] ----(+) Source [ Blue Wire ] ----( Load )---- (-) Ground ``` --- ## 4. Key Advantages * **Non-Contact Sensing:** No mechanical wear and tear, leading to a long operational life. * **Environmental Resistance:** Ideal for oily, dusty, or wet environments where optical sensors might fail. * **No Power Required (for Reed types):** The basic switch mechanism doesn't require standby power to operate, only the load current. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the M2ADS-E13-R?
    • ⤷ How do I wire this sensor to a PLC input?
    • ⤷ What is the difference between the M2ADS and M1ADS series?