M2ADS-ZBC-R/Q
AI

The **M2ADS-ZBC-R/Q** is a specific variant of a high-performance **Step-Servo Integrated Motor** manufactured by **MOONS' Industries**. This device combines a stepper motor, a high-resolution encoder, and a digital drive into a single compact unit.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Core Component Breakdown
| Component | Description |
| :--- | :--- |
| **Integrated Drive** | A digital DSP-based power amplifier that controls current and logic. |
| **Motor Type** | NEMA 17 or 23 (size dependent) 2-phase hybrid Step-Servo motor. |
| **Encoder** | High-resolution feedback device (typically 20,000 counts/rev) for closed-loop control. |
| **Communication** | Supports **RS-485** or **Modbus/RTU** (implied by the "Z" or "Q" suffix variants). |
---
## 2. Electronic Specifications
The electronic performance is defined by its ability to operate in "Servo Mode," eliminating the risk of stalling common in traditional steppers.
### Electrical Characteristics
* **Input Voltage:** Typically ranges from **12V to 48V DC**.
* **Current Control:** Space Vector PWM (Pulse Width Modulation) for high efficiency and low heat.
* **Feedback Loop:** Uses a closed-loop algorithm to adjust current based on actual load, preventing lost steps.
### I/O Interface
The "R/Q" suffix usually indicates specific I/O and communication protocols:
* **Digital Inputs:** 3 optically isolated inputs (Pulse/Direction or General Purpose).
* **Digital Outputs:** 1 or 2 optically isolated outputs (Alarm, In-position, or Brake control).
* **Analog Input:** Often includes a 0-5V input for speed or position control.
---
## 3. Part Number Suffix Identification
The specific suffix in **M2ADS-ZBC-R/Q** defines the electronic interface:
| Suffix | Meaning |
| :--- | :--- |
| **Z** | Indicates Integrated Step-Servo (Advanced version). |
| **B** | Usually refers to the Encoder resolution or Brake option. |
| **C** | Standard NEMA frame size/Torque rating connector. |
| **-R** | **RS-485** Communication port. |
| **-Q** | **Q-Programming** (MOONS' proprietary control language for standalone execution). |
---
## 4. Connectivity Pinout (Typical)
```text
Power Port:
+Vdc : 12-48V DC Input
GND : Power Ground
I/O Port:
X1/X2 : High speed pulse/direction inputs
X3 : Enable or general input
Y1 : Alarm output
Comm Port:
RS-485 A / B (For daisy-chaining multiple motors)
```
---
## 5. Key Electronic Features
1. **Anti-Resonance:** Electronic damping that eliminates mid-range instability.
2. **Microstep Emulation:** The drive uses 1/256 microstepping internally to ensure smooth motion even if the input pulse is low resolution.
3. **Low Heat Generation:** Unlike standard steppers that draw full current constantly, the M2ADS adjusts current based on the torque required.
- ⤷
What is the maximum torque rating for the M2ADS series?
- ⤷ How do I program the -Q standalone execution commands?
- ⤷ Which software is required to configure the RS-485 parameters for this motor?