Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS-A13-R

  • AI
    The **M2AMS-A13-R** is a specific part number belonging to a series of **Magnetic Angular Position Sensors**. These devices are typically used for high-precision non-contact angle measurement in industrial and automotive applications. --- ## 1. Core Specifications and Type The part is an integrated circuit (IC) or module that utilizes the **Hall Effect** or **Magnetoresistive** technology to detect the orientation of a magnetic field. | Feature | Description | | :--- | :--- | | **Technology** | Magnetic Rotary / Hall Effect | | **Interface** | Analog Output (typical for the "A" designation) | | **Operating Voltage** | Usually 3.3V or 5V DC | | **Resolution** | High-resolution angular sensing (10-bit to 12-bit range) | | **Packaging** | Surface Mount or specialized sensor housing | --- ## 2. Key Electronic Components Internally, the M2AMS-A13-R consists of several functional blocks: ### A. Sensor Element This is the front-end that detects the magnetic flux. It usually consists of a bridge of resistors or Hall plates that change voltage based on the angle of a magnet rotating above the chip. ### B. Signal Conditioning (ASIC) The raw signal from the sensor is very weak. The internal ASIC (Application Specific Integrated Circuit) performs: * **Amplification:** Boosting the signal. * **Temperature Compensation:** Ensuring the sensor remains accurate across a wide temperature range (typically -40°C to +125°C). * **Linearization:** Converting the sinusoidal magnetic waves into a linear output. ### C. Output Driver The "A13" suffix often denotes the specific output curve or sensitivity level. In this case, it outputs an **Analog Voltage** proportional to the measured angle (e.g., 0.5V to 4.5V over a 0 to 360-degree rotation). --- ## 3. Typical Pinout and Connection While specific datasheets may vary by manufacturer (such as AMS or Allegro), the electronic connections generally follow this pattern: ```yaml Pin 1: VCC (Power Supply) Pin 2: GND (Ground) Pin 3: OUT (Analog Output Signal) Pin 4: TEST/NC (No Connect or Factory Programming) ``` --- ## 4. Application Logic To use this part in an electronic circuit, you would typically follow this workflow: 1. **Placement:** Mount the IC on a PCB and place a small **diametrically magnetized** permanent magnet 0.5mm to 3mm above the center of the chip. 2. **Filtering:** Place a 0.1µF decoupling capacitor between VCC and GND to reduce electronic noise. 3. **Reading:** Connect the `OUT` pin to an Analog-to-Digital Converter (ADC) on a microcontroller (like an Arduino, ESP32, or STM32). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum rotational speed supported by this sensor?
    • ⤷ Can this sensor be used in high-temperature automotive environments?
    • ⤷ What is the difference between the A13 and A15 variants of this series?