Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS-A1A-R2/N

  • AI
    The **M2AMS-A1A-R2/N** is a specific model of an **Ultra-Slim Plug-in Signal Conditioner** (often referred to as an isolator or signal converter), typically manufactured by **M-System**. These devices are used in industrial automation to interface between field instruments (like sensors) and control systems (like PLCs or DCS), ensuring signal integrity and electrical isolation. --- ## 1. Technical Specifications The alphanumeric code provides specific details about the electronic configuration of the unit: | Parameter | Specification | Description | |:---|:---|:---| | **Input Signal** | 4 – 20 mA DC | Standard industrial current loop input. | | **Output Signal** | 4 – 20 mA DC | Standard industrial current loop output. | | **Power Input** | 24V DC | Standard low voltage power supply requirement. | | **Isolation** | 3-Port Isolation | Input to output to power are all electrically isolated. | | **Mounting** | DIN Rail | Designed for standard industrial control panels. | | **Form Factor** | Ultra-slim (M2 Series) | Space-saving design for high-density installations. | --- ## 2. Key Electronic Functions ### A. Galvanic Isolation The primary electronic purpose of this part is to provide **Galvanic Isolation**. It breaks the direct electrical path between the input and output circuits using internal transformers or optoisolators. This prevents: * **Ground Loops:** Eliminates errors caused by potential differences in grounding points. * **Surge Protection:** Protects expensive PLC/DCS input cards from high-voltage spikes originating in the field. ### B. Signal Conditioning & Conversion The internal circuitry filters noise from the input signal and regenerates a clean, linear 4-20mA signal. This ensures that the control system receives an accurate representation of the process variable. ### C. Active vs. Passive Loop The "R2" designation typically refers to the power supply requirement. As a 24V DC powered unit, it is an **active** conditioner. It provides the necessary power to drive the output loop, even if the load resistance is high (up to a specific limit, usually 550 ohms). --- ## 3. Physical & Terminal Layout The unit features a plug-in base, allowing the electronics to be replaced without disconnecting the wiring. * **Front LEDs:** Usually includes a power indicator (Green) to show the internal DC-DC converter is functioning. * **Zero/Span Adjustments:** Small potentiometers on the front allow for fine-tuning the calibration of the 4mA (Zero) and 20mA (Span) points. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2AMS-A1A-R2/N?
    • ⤷ How do I calibrate the Zero and Span on this model?
    • ⤷ What is the maximum load resistance supported by the output signal?