Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS-B4-R2/Q

  • AI
    The **M2AMS-B4-R2/Q** is a high-precision, plug-in type **Analog Arithmetic Unit** (specifically a subtraction unit) from the M2 Series manufactured by **M-System**. This electronic component is designed to receive two independent DC input signals and output a signal proportional to the difference between them. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Model Function** | Subtraction (Output = Input 1 - Input 2) | | **Input Signals** | Configurable (e.g., 4–20mA, 1–5V DC) | | **Output Signal** | Configurable (e.g., 4–20mA, 0–10V DC) | | **Power Input (B)** | 100V – 240V AC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Construction** | Plug-in style with base socket | --- ### 2. Internal Electronic Operation The device functions as a signal conditioner with mathematical capabilities. Here is how the electronic stages work: 1. **Input Stage:** Two separate analog inputs enter the unit. High-precision resistors and operational amplifiers (Op-Amps) isolate and scale these signals. 2. **Arithmetic Logic:** An internal circuit (analog or microprocessor-based, depending on the revision) performs the subtraction: $V_{out} = K_1V_{in1} - K_2V_{in2}$. 3. **Isolation:** The unit features **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges. 4. **Zero/Span Adjustment:** Located on the front panel, these allow the user to calibrate the electronic offset and gain to ensure precise measurement. --- ### 3. Application Examples This specific part is commonly used in industrial automation for: * **Differential Pressure Measurement:** Calculating the difference between two pressure sensors. * **Flow Calculation:** Monitoring the loss or gain of fluids between two points in a pipe. * **Level Control:** Subtracting head pressure from total pressure to determine liquid level in a pressurized tank. --- ### 4. Part Number Breakdown * **M2AMS**: Base Model (Analog Arithmetic Unit). * **B**: Power Supply (100–240V AC). * **4**: Output Signal (Standard DC current or voltage). * **R2**: Specific configuration/versioning (often denoting dual output or specific wiring). * **Q**: Option code (often indicating a customized calibration or special coating).
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span for the M2AMS series?
    • ⤷ What is the difference between the M2AMS and the M2AS model?
    • ⤷ Can this unit be used for signal addition instead of subtraction?