Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS-C2-R

  • AI
    The **M2AMS-C2-R** is a specific model within the **M2AMS series** of high-performance, programmable AC/DC power sources/analyzers, typically manufactured by companies like *Adaptive Power Systems* or associated power electronic brands. These units are designed for precision testing of electronic components, aerospace equipment, and consumer electronics. --- ## 1. Core Technical Specifications The "C2" and "R" designations usually refer to the configuration of the phases and the regenerative capabilities of the unit. | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | M2AMS-C2-R | Modular Advanced Multi-configuration System | | **Output Phases** | 1-Phase or 3-Phase | Configurable based on the "C2" chassis setup | | **Power Rating** | 2kVA - 6kVA+ | Depends on the number of installed modules | | **Voltage Range** | 0 - 300V AC / 425V DC | High-precision output for global grid simulation | | **Frequency Range** | 15Hz - 1,200Hz | Supports standard (50/60Hz) and Aerospace (400/800Hz) | | **Regenerative** | Yes ("-R") | Can sink power back to the grid (Energy Recovery) | --- ## 2. Key Electronic Components & Modules The internal architecture of the M2AMS-C2-R consists of several critical electronic sub-assemblies: ### A. Power Conversion Stage (IGBT/MOSFET Inverters) The heart of the unit uses high-speed switching transistors (usually **IGBTs**) to synthesize the AC waveform. * **PWM Control:** Uses Pulse Width Modulation to create clean sine waves with low Total Harmonic Distortion (THD < 0.5%). * **Regenerative Circuitry:** The "-R" indicates a bi-directional inverter that allows the unit to act as a load, feeding energy back to the facility mains instead of dissipating it as heat. ### B. Digital Signal Processor (DSP) Control Board This is the "brain" of the device. It handles: * **Waveform Generation:** Real-time synthesis of complex transients, sags, and surges. * **Measurement:** High-speed ADCs (Analog-to-Digital Converters) measure True RMS voltage, current, and power factor. ### C. Output Filtering To ensure "Clean Power," the unit contains: * **LC Filters:** Inductors and Capacitors that smooth out the high-frequency switching noise from the inverters. * **Isolation Transformers (Optional):** Some configurations include galvanic isolation to protect the Device Under Test (DUT). --- ## 3. Communication and Interface Ports To integrate into automated test environments (ATE), the electronic backplane supports: ```yaml Interfaces: - LAN (LXI): For remote web-based control - USB: For firmware updates and local PC connection - RS-232/GPIB: Legacy support for laboratory automation - Analog I/O: 0-10V signals for external waveform scaling ``` --- ## 4. Typical Applications The electronic design of the C2-R model is optimized for: 1. **Grid Simulation:** Testing how solar inverters react to grid instability. 2. **Avionics Testing:** Using the 1,200Hz capability to simulate aircraft power systems. 3. **EV Charging:** Testing On-Board Chargers (OBC) using the regenerative "Sink" mode to simulate battery discharge.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2AMS-C2-R in single-phase mode?
    • ⤷ How does the regenerative '-R' feature specifically save on energy costs during long-term testing?
    • ⤷ Does this model support arbitrary waveform generation for harmonics simulation?