M2AMS-C4-R2/CE
AI

The **M2AMS-C4-R2/CE** is a high-performance electronic signal conditioner/transmitter, typically manufactured by **M-System**. It is designed to accept a specific analog input and convert it into a standardized, isolated output signal suitable for PLC or DCS integration.
---
### 1. Key Technical Specifications
The model code follows a specific nomenclature that defines its electronic capabilities:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | M2AMS | Ultra-slim Signal Conditioner (M2 Series) |
| **Input** | C4 | 4 – 20 mA DC (Current Input) |
| **Output** | R2 | 4 – 20 mA DC (Current Output) |
| **Power Supply** | CE | 100 – 240V AC (Universal AC power) |
---
### 2. Core Electronic Features
#### A. Signal Isolation
This device provides **three-way isolation** between the input, output, and power supply.
- **Isolation Voltage:** Typically rated at 2000V AC.
- **Electronic Purpose:** It prevents ground loops and protects sensitive control equipment from high-voltage surges or electrical noise originating at the field sensor.
#### B. Conversion and Accuracy
The internal circuitry uses high-precision Operational Amplifiers (Op-Amps) and A/D converters to ensure signal integrity.
- **Accuracy:** Usually ±0.1% of span.
- **Response Time:** Typically $\leq$ 0.5 seconds (0 to 90%).
- **Temperature Coefficient:** Maintains stability within ±0.015%/°C.
#### C. Power Management (CE Rating)
The "CE" suffix indicates that the internal power supply unit is a switching regulator capable of handling 100V to 240V AC. It includes internal filtering to meet European CE electromagnetic compatibility (EMC) standards.
---
### 3. Physical & Installation Parts
* **Front Panel Adjustments:** Features "Zero" and "Span" potentiometers (trimmers) for fine-tuning the output signal.
* **LED Indicator:** A power LED on the front indicates the status of the internal DC bus.
* **Mounting:** Designed for standard DIN rail mounting with a plug-in base for easy maintenance without disconnecting wires.
---
### 4. Application Logic
The electronic path follows this logic:
1. **Input:** Receives 4-20mA from a field instrument (e.g., a pressure transmitter).
2. **Processing:** Filters noise and linearizes the signal.
3. **Isolation:** Passes the signal through an optical or magnetic isolator.
4. **Output:** Regenerates a clean 4-20mA signal for the controller.
- ⤷
What are the wiring diagrams for the M2AMS-C4-R2/CE?
- ⤷ How do I calibrate the Zero and Span on this specific model?
- ⤷ What is the difference between the M2AMS and the M2RS series?