Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS2-152-R2

  • AI
    The **M2AMS2-152-R2** is a specific technical component part number, often associated with high-precision mechanical and electrical assembly hardware, specifically within the category of **Standoffs or Spacers** used in PCB (Printed Circuit Board) mounting. Below is a breakdown of its electronic and mechanical characteristics: ### 1. Component Overview In electronics, these parts serve as the physical bridge between a chassis and a circuit board. While they are mechanical, they are critical to the electrical integrity of a system by ensuring proper grounding or isolation. | Feature | Specification | | :--- | :--- | | **Material** | Usually Stainless Steel or Aluminum (indicated by material codes) | | **Thread Size** | M2 (Metric 2mm diameter) | | **Gender** | Male-Female or Female-Female (depending on specific series sub-type) | | **Body Length** | 15.2mm (represented by the '152' code) | | **Plating** | RoHS compliant finish (indicated by the 'R2' suffix) | --- ### 2. Key Electronic Functions Even though this is a "hardware" part, its electronic role is vital: * **Grounding Path:** When made of conductive metal, this part creates a low-resistance path between the PCB ground plane and the metal enclosure. This is essential for **EMI (Electromagnetic Interference)** shielding. * **Mechanical Stability:** It prevents the PCB from flexing. Flexing can cause "micro-cracks" in Surface Mount Technology (SMT) components like capacitors and BGA chips, leading to circuit failure. * **Airflow Management:** By elevating the PCB exactly 15.2mm, it ensures defined clearance for bottom-side components and facilitates thermal management via airflow. --- ### 3. Technical Identification (Part Number Breakdown) The nomenclature generally follows this logic: 1. **M2**: The metric thread size (2.0mm). 2. **AMS2**: The manufacturer series (often associated with brands like *Amatom* or similar precision hardware vendors). 3. **152**: The length code (15.2mm). 4. **R2**: Revision 2 or a specific RoHS (Restriction of Hazardous Substances) compliance rating. --- ### 4. Typical Application Environments * **Aerospace & Defense:** Where high vibration resistance is required. * **Industrial Servers:** Used to mount daughterboards to motherboards. * **Medical Devices:** Ensuring precise spacing for sensitive sensor arrays.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for M2 size standoffs?
    • ⤷ How do I choose between a brass and a stainless steel standoff for grounding?
    • ⤷ Is there a plastic version of this part for electrical isolation?