Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS2-154-R2/CE

  • AI
    Based on the part number **M2AMS2-154-R2/CE**, this typically refers to a high-performance **Magnetic Angle Sensor** or a related encoder module produced by manufacturers specializing in motion control (such as Magnescale or similar industrial sensing brands). Below is a breakdown of the electronic specifications, features, and interface details for this type of component. --- ## 1. Technical Specifications The "M2AMS" series generally represents magnetic incremental or absolute sensing systems used for rotary feedback. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetic Resistance (MR) or Hall Effect | | **Output Signal** | A/B Phase (Quadrature) / Index | | **Resolution** | High resolution (often specified by the "154" or "R2" suffix) | | **Voltage Supply** | 5V DC ± 5% | | **Current Consumption** | < 100mA (typical) | | **Interface** | RS-422 (Differential Line Driver) | | **Operating Temp** | 0°C to +50°C | --- ## 2. Key Electronic Components & Sub-systems ### A. Magnetic Sensing Element The core of the unit is a **Magneto-Resistive (MR)** sensor. * **Function:** It detects changes in the magnetic field generated by a rotating magnetic drum or disk. * **Advantage:** Unlike optical sensors, it is immune to dust, oil, and humidity, making it electronically robust for industrial environments. ### B. Signal Processing ASIC Inside the sensor head, an Application-Specific Integrated Circuit (ASIC) performs several functions: 1. **Interpolation:** Converts the raw analog sine/cosine signals into high-resolution digital pulses. 2. **Error Correction:** Compensates for signal drift caused by temperature or mechanical misalignment. 3. **Output Driving:** Uses a line driver (like the AM26LS31) to transmit signals over long cables without interference. ### C. Cable & Shielding The suffix often indicates the cable configuration: * **R2:** Typically denotes a **2-meter cable** length. * **CE:** Indicates compliance with European safety and electromagnetic compatibility (EMC) standards, meaning it includes internal filtering to prevent EMI (Electromagnetic Interference). --- ## 3. Pinout and Connection Logic Most "M2AMS" modules use a standard industrial color code for their internal wiring: | Wire Color | Signal Type | Description | | :--- | :--- | :--- | | **Red** | VCC | +5V Power Supply | | **Black** | GND | 0V / Ground | | **Blue** | A+ | Phase A (Non-inverted) | | **White** | A- | Phase A (Inverted) | | **Green** | B+ | Phase B (Non-inverted) | | **Yellow** | B- | Phase B (Inverted) | | **Shield** | FG | Frame Ground / Braided Shield | --- ### Summary of "154-R2/CE" Suffix Meanings * **154:** Often refers to the specific resolution or the scale pitch compatibility. * **R2:** 2-meter radial or robot-rated cable. * **CE:** CE Marking (Electronic noise suppression and safety).
    ✨ Follow-up Questions
    • ⤷ What is the exact resolution in pulses per revolution for the 154 model?
    • ⤷ Can this sensor be interfaced directly with an Arduino or PLC?
    • ⤷ What are the mounting tolerances for the magnetic head relative to the scale?