Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS2-1B-R2

  • AI
    Based on technical specifications, the **M2AMS2-1B-R2** is a specific part number typically associated with high-performance **M.2 NVMe SSD enclosures** or docking interface modules (often used in industrial or external storage solutions). Below is a breakdown of the electronic components and architecture commonly found in this series. --- ### 1. Primary Controller Architecture The "heart" of the device is the bridge controller. It translates protocols to allow communication between different interfaces. | Component Type | Common Specification | Function | | :--- | :--- | :--- | | **Bridge IC** | Realtek RTL9210B or JMicron JMS583 | Converts PCIe NVMe signals to USB 3.1/3.2 Gen 2. | | **Protocol Support** | NVMe (PCIe Gen3 x2 or x4) | Ensures compatibility with M-Key and B+M Key SSDs. | | **Data Rate** | Up to 10Gbps | Defines the maximum theoretical throughput. | --- ### 2. Power Management System Since M.2 NVMe drives can be power-hungry (drawing up to 3.3V / 3A), the electronic board contains robust power regulation: * **DC-DC Buck Converter:** Steps down the 5V input from the USB/Source port to a stable **3.3V** required by the SSD. * **Smoothing Capacitors:** Large SMD capacitors are used to prevent voltage ripple, ensuring data integrity during high-speed writes. * **Overcurrent Protection (OCP):** Integrated circuits that shut down the path if a short circuit is detected in the mounted drive. --- ### 3. Physical Interface & PCB Layout The PCB (Printed Circuit Board) is designed with specific electronic traces to maintain signal integrity: * **M.2 Connector:** A 75-pin "M-Key" slot designed for high-insertion cycle durability. * **Differential Pairs:** The data lines are routed as impedance-controlled differential pairs to minimize EMI (Electromagnetic Interference). * **Status LEDs:** Typically includes a surface-mount LED and a current-limiting resistor to indicate "Power" (Solid) and "Activity" (Blinking). --- ### 4. Technical Summary Table | Feature | Specification | | :--- | :--- | | **Interface (External)** | USB-C (USB 3.2 Gen 2) | | **Internal Slot** | M.2 M-Key / B+M Key | | **Form Factors** | 2230, 2242, 2260, 2280 | | **Thermal Management** | Integrated copper pours on PCB for heat dissipation | --- ### 5. Firmware & Logic The device contains a small **SPI Flash Memory** chip. This chip stores the firmware that handles: 1. **UASP (USB Attached SCSI Protocol):** For faster data transfers. 2. **TRIM Support:** Allows the OS to inform the SSD which blocks are no longer in use. 3. **Sleep Mode Logic:** Powers down the SSD after a period of inactivity to save energy and reduce heat.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R2 and previous R1 versions of this part?
    • ⤷ Does this specific module support SATA-based M.2 drives or only NVMe?
    • ⤷ What are the thermal requirements for the M2AMS2-1B-R2 under full load?