Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AMS2-43-R2/CE

  • AI
    The **M2AMS2-43-R2/CE** is a specialized industrial signal isolation and conversion module, typically manufactured by companies like **M-System**. This device is part of the M2-UNIT series, designed to convert and isolate analog signals in process control systems. Below is a breakdown of the electronic specifications and functional parts of this specific model. --- ### 1. Model Code Breakdown The alphanumeric string defines the specific electronic configuration of the unit: | Part Code | Component Feature | Description | | :--- | :--- | :--- | | **M2AMS** | **Base Series** | Potentiometer Transmitter (Isolation) | | **2** | **Output Count** | Dual Output (Two independent output signals) | | **43** | **Input/Output Type** | Typically 4-20mA or 1-5V configurations | | **R2** | **Power Supply** | 24V DC input power | | **CE** | **Certification** | CE Marking (European Conformity) | --- ### 2. Key Electronic Specifications The module functions as a signal conditioner. It takes a resistance input (from a potentiometer) and converts it into a standard industrial voltage or current signal. #### Input Characteristics * **Input Type:** Potentiometer (3-wire). * **Resistance Range:** Usually 100 $\Omega$ to 10 k$\Omega$. * **Excitation Voltage:** Minimal voltage applied to the potentiometer to sense position without causing self-heating. #### Output Characteristics * **Channels:** Dual outputs allow one input to drive two separate devices (e.g., a PLC and a local display). * **Isolation:** Galvanic isolation between Input, Output 1, Output 2, and Power. This prevents ground loops and protects sensitive electronics. * **Standard Signals:** 4 – 20 mA DC or 1 – 5 V DC (depending on the "43" sub-specification). --- ### 3. Physical & Electronic Components The unit is housed in a plug-in style case for DIN-rail mounting. Its internal circuitry consists of: 1. **A/D Converter & Signal Processing:** Converts the analog resistance value into a digital format for precise scaling. 2. **Optical Isolators:** Uses optocouplers to provide high-voltage isolation (typically up to 2000V AC) between circuits. 3. **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the 0% and 100% signal points. 4. **Power Regulator:** Internal DC-DC converter that stabilizes the 24V DC input for clean signal processing. --- ### 4. Technical Summary Table | Parameter | Specification | | :--- | :--- | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ – 10 k$\Omega$) | | **Isolation Resistance** | 100 M$\Omega$ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Operating Temp** | -5 to +55°C | | **Mounting** | Surface or DIN rail |
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the '2' (dual output) and '1' (single output) versions?
    • ⤷ How do I calibrate the Zero and Span settings on this specific module?
    • ⤷ Does this model support 4-wire resistance inputs or only 3-wire potentiometers?