Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AP-01-R/Q

  • AI
    The **M2AP-01-R/Q** is a specific model within the **M2AP series** of digital panel meters, typically manufactured by companies like **Hengstler** or **Kübler**. These devices are primarily used as electronic tachometers, frequency meters, or position displays in industrial automation. ### 1. General Specifications The "R/Q" suffix usually denotes specific output configurations or input logic types (such as Relay outputs or Quadrature inputs). | Feature | Description | | :--- | :--- | | **Device Type** | Digital Panel Meter / Tachometer | | **Display** | 5 to 6-digit LED display (usually red) | | **Input Frequency** | High-speed counting (up to several kHz) | | **Power Supply** | Typically 115/230V AC or 10-30V DC (model dependent) | | **Mounting** | Standard DIN Rail or Panel Cutout (48 x 48 mm or 96 x 48 mm) | --- ### 2. Key Electronic Components & Functions The internal circuitry of the M2AP-01-R/Q consists of several critical electronic stages: #### A. Input Stage (Signal Conditioning) * **Optocouplers:** Used to galvanically isolate the sensitive microprocessor from high-voltage spikes on the factory floor. * **Schmitt Triggers:** Converts noisy or slow-rising sensor signals into clean square waves for accurate counting. * **NPN/PNP Logic:** Selectable jumpers or wiring configurations to match the sensor type (Proximity switches, Encoders, or Limit switches). #### B. Processing & Memory * **Microcontroller (MCU):** The brain of the unit that calculates RPM, frequency, or velocity based on the time interval between pulses. * **EEPROM:** Non-volatile memory that stores configuration parameters (scaling factors, decimal points, and setpoints) so they aren't lost during power failure. #### C. Output Interface (The "R" in the Model) * **Relay Outputs:** The "R" usually signifies the inclusion of mechanical relays. These act as "setpoints" to trigger an alarm or stop a motor when a certain speed is reached. * **Transistor Outputs:** Some variants use NPN open-collector outputs for high-speed switching tasks. --- ### 3. Wiring Terminal Pinout (General) *Note: Always refer to the label on the physical device as versions vary.* | Terminal | Function | | :--- | :--- | | **1-2** | AC Power Supply Input | | **3-4** | Sensor Supply Output (usually 12V or 24V DC) | | **5-7** | Signal Inputs (Channel A, Channel B/Reset) | | **8-10** | Relay Contact (Common, NO, NC) | --- ### 4. Application Logic The M2AP-01-R/Q functions by measuring the **frequency ($f$)** of incoming pulses and applying a scaling factor ($k$): `Displayed Value = Pulse Frequency × Scaling Factor` This allows the electronic part to display real-world units like **Meters per Minute**, **Liters per Hour**, or **Revolutions per Minute (RPM)**. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for your specific M2AP-01 model?
    • ⤷ Do you need the programming codes to set the scaling factor?
    • ⤷ Are you looking for a direct replacement or a wiring diagram for this part?