M2AP-44-R2/CE
AI

The **M2AP-44-R2/CE** is a high-precision digital panel meter (signal conditioner) manufactured by **M-System**. It is primarily used in industrial automation to convert analog signals into visual displays and output signals for PLCs or SCADA systems.
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Model Series** | M2 Series (Mini-M Configuration) |
| **Part Function** | Analog Input Digital Indicator / Signal Conditioner |
| **Input Type** | DC Voltage or Current (Variable based on configuration) |
| **Output Type** | DC Output (Retransmission) |
| **Power Input** | 100 – 240V AC (Standard "R2" designation) |
| **Mounting** | DIN Rail Mounting (Plug-in base) |
---
### 2. Key Electronic Components & Subsystems
The M2AP-44-R2/CE consists of several critical electronic stages that ensure accuracy and isolation:
#### A. Input Stage (Signal Conditioning)
* **Analog-to-Digital Converter (ADC):** Converts the incoming analog sensor signal (e.g., 4-20mA or 0-10V) into a high-resolution digital value.
* **Shunt Resistors/Voltage Dividers:** Precision passive components used to scale the input voltage to a range acceptable for the internal circuitry.
#### B. Processing & Display Unit
* **Microcontroller (MCU):** The "brain" that handles linearization, scaling (converting 4-20mA to a 0-100% display), and digital filtering to stabilize jittery signals.
* **LED Display:** Typically a 4-digit red LED display used to show the process variable (PV).
#### C. Isolation & Output Stage
* **Optical Isolation:** Provides 2000V AC isolation between the input, output, and power circuits. This protects the control system from ground loops and electrical surges.
* **Digital-to-Analog Converter (DAC):** Converts the processed signal back into an analog format for the retransmission output (e.g., 4-20mA DC).
#### D. Power Supply Unit (PSU)
* **Switching Mode Power Supply (SMPS):** The "R2" code signifies a universal AC power input. It uses high-frequency transformers and capacitors to step down 100-240V AC to stable low-voltage DC (typically 5V or 12V) for the internal logic.
---
### 3. Model Suffix Breakdown (M2AP-44-R2/CE)
Understanding the specific electronic configuration through the part number:
1. **M2AP:** Series identifier (Digital Panel Meter/Signal Conditioner).
2. **4:** Input code (Commonly signifies a specific range like 4-20mA DC).
3. **4:** Output code (Commonly signifies a specific range like 4-20mA DC).
4. **R2:** Power Supply (100V – 240V AC).
5. **CE:** Compliance marking (Meets European safety and electromagnetic compatibility standards).
---
### 4. Wiring Diagram (Simplified)
```text
[ Power L ] ---- (1) |-------| (5) ---- [ Output + ]
[ Power N ] ---- (2) | M2AP | (6) ---- [ Output - ]
[ Input + ] ---- (3) | | (7) ---- [ NC ]
[ Input - ] ---- (4) |-------| (8) ---- [ NC ]
```
- ⤷
What are the specific input and output range options for the '44' configuration?
- ⤷ How do I calibrate the zero and span settings on this module?
- ⤷ What is the power consumption rating for the R2 AC power model?