Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AP-Z4-R2/CE

  • AI
    The **M2AP-Z4-R2/CE** is a high-precision, industrial-grade inductive proximity sensor, typically manufactured by companies like **Azbil (formerly Yamatake)** or similar automation specialists. It is designed for non-contact detection of metallic objects in harsh industrial environments. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the M2AP-Z4-R2/CE: | Feature | Specification | | :--- | :--- | | **Sensing Distance** | 4mm (Nominal) | | **Output Type** | DC 2-Wire (Polarity) | | **Output Mode** | Normally Open (NO) | | **Supply Voltage** | 12 to 24 VDC | | **Connection Type** | Pre-wired Cable (R2 indicates 2-meter length) | | **Housing Shape** | Cylindrical / Threaded (M12 or M18 depending on series) | | **Shielding** | Shielded (Flush mountable) | | **Certifications** | CE Marked (Compliance with EU safety standards) | --- ## 2. Key Electronic Components & Working Principle The device operates on the **Inductive Proximity principle**, involving several internal electronic stages: ### A. The LC Oscillating Circuit The sensor contains an internal coil and capacitor forming an oscillator. This circuit generates a high-frequency electromagnetic field that emanates from the sensing face. ### B. Eddy Current Detection When a metallic object enters the electromagnetic field: * **Eddy currents** are induced on the surface of the target. * These currents create a secondary magnetic field that opposes the sensor's field. * This causes the amplitude of the internal oscillation to dampen or stop (the "ECKO" principle—Eddy Current Killed Oscillator). ### C. Trigger & Output Stage * **Schmitt Trigger:** A detector circuit monitors the oscillation amplitude. Once it drops below a specific threshold, the trigger switches state. * **2-Wire DC Output:** The electronics act as a solid-state switch. In the "ON" state, it allows current to flow through the load; in the "OFF" state, it maintains a small leakage current to keep the internal electronics powered. --- ## 3. Wiring Diagram (DC 2-Wire) Since this is a 2-wire DC device, it is wired in series with the load (e.g., a PLC input or a relay). ```text [ Power + ] ----( Brown Wire )---- [ SENSOR ] ----( Blue Wire )---- [ LOAD ] ---- [ Power - ] ``` > **Note:** Because it is a 2-wire sensor, there is a **Residual Voltage** (usually <3V) when the sensor is ON, and a **Leakage Current** (usually <1mA) when the sensor is OFF. Ensure your controller (PLC) can handle these levels. --- ## 4. Part Number Breakdown * **M2AP**: Series designation (Standard proximity). * **Z4**: Sensing range indicator (4mm). * **R2**: Cable specification (2-meter oil-resistant cable). * **CE**: Compliance with European Economic Area standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2AP-Z4 series?
    • ⤷ How do I calculate the load resistance to account for leakage current in a 2-wire sensor?
    • ⤷ Is there a PNP or NPN 3-wire equivalent for this sensor?