M2AS1-4133-R
AI

The **M2AS1-4133-R** is a specific electronic component, typically categorized as a high-performance **Crystal Oscillator**. It is commonly utilized in telecommunications, networking, and high-speed data processing equipment where precise timing is critical.
---
### 1. General Specifications
Below is a breakdown of the typical technical parameters associated with this part number:
| Parameter | Specification |
| :--- | :--- |
| **Part Type** | Crystal Oscillator (XO) |
| **Nominal Frequency** | Often associated with 133.33 MHz or custom variants |
| **Output Type** | LVPECL or LVDS (Differential Signals) |
| **Supply Voltage** | 3.3V (Typical) |
| **Package Size** | 5x7mm or 3.2x5mm SMD (Surface Mount) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±25ppm to ±50ppm |
---
### 2. Key Electronic Features
#### Differential Signaling
The "AS" designation in many oscillator series refers to the use of **LVPECL (Low-Voltage Positive Emitter-Coupled Logic)**.
* **Benefit:** High noise immunity and the ability to drive long PCB traces at high frequencies.
* **Application:** Ideal for clocking FPGAs, high-speed Ethernet, and PCIe interfaces.
#### Low Jitter Performance
This component is designed for low phase noise and low jitter. Jitter refers to the deviation from the true periodicity of a signal. For high-speed data transmission, low jitter ensures that data bits are sampled correctly at the receiving end.
#### SMD Packaging
The "R" suffix often denotes **Tape & Reel** packaging, indicating that the parts are prepared for automated "Pick and Place" assembly lines.
---
### 3. Pinout Configuration (Standard 6-Pad SMD)
While you should always verify with the specific manufacturer datasheet (such as MtronPTI or Abracon), the standard pinout for this class of oscillator is:
1. **Pin 1:** Enable/Disable (Tristate) or No Connect.
2. **Pin 2:** No Connect.
3. **Pin 3:** Case Ground (GND).
4. **Pin 4:** Output (Positive).
5. **Pin 5:** Complementary Output (Negative).
6. **Pin 6:** Supply Voltage ($V_{CC}$ / $V_{DD}$).
---
### 4. Typical Applications
* **Fiber Optic Modules:** SFP+, XFP, and QSFP transceivers.
* **Network Switches:** High-speed backbone routing.
* **Computing:** High-performance servers and storage area networks (SAN).
- ⤷
What is the exact frequency of the M2AS1-4133-R in your specific application?
- ⤷ Do you need a comparison between LVPECL and LVDS output types for this part?
- ⤷ Are you looking for a direct equivalent or replacement for this component?