M2AS1-4144-R2/N
AI

The **M2AS1-4144-R2/N** is a specific electronic component typically identified as a **Micro-USB 2.0 Connector**. It is commonly used in consumer electronics for data transfer and power delivery.
---
### 1. Key Technical Specifications
Below are the primary physical and electrical characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Orientation** | Right Angle (Horizontal) |
| **Mounting Type** | Surface Mount (SMT) with through-hole shells |
| **Number of Pins** | 5 Pins |
| **Shielding** | Fully Shielded (Metal Housing) |
| **Durability** | ~10,000 Mating Cycles |
---
### 2. Physical Design & Construction
* **Shell (R2/N):** The "R2" usually refers to the specific revision or mechanical footprint, while "/N" often indicates a Nickel-plated shell for corrosion resistance.
* **Mounting Tabs:** It features structural solder tabs that go through the PCB (Printed Circuit Board) to provide mechanical strength, preventing the connector from ripping off during cable insertion/extraction.
* **Contact Material:** High-conductivity copper alloy, typically gold-plated over nickel to ensure reliable electrical contact and prevent oxidation.
---
### 3. Pinout Configuration
The 5-pin standard for Micro-USB Type B is followed:
1. **VCC (+5V):** Power supply.
2. **D-:** Data Negative.
3. **D+:** Data Positive.
4. **ID:** Used for On-The-Go (OTG) identification.
5. **GND:** Ground.
---
### 4. Common Applications
Due to its compact size and high durability, this part is found in:
* **Mobile Devices:** Older smartphones, tablets, and e-readers.
* **Charging Circuits:** Power banks and battery charging modules.
* **Peripherals:** Wireless mice, keyboards, and Bluetooth speakers.
* **Development Boards:** Many ESP32 or Arduino-compatible boards use this footprint.
- ⤷
What are the PCB footprint dimensions for this specific connector?
- ⤷ Is this part compatible with USB 3.0 data speeds?
- ⤷ What are the recommended reflow soldering profiles for the M2AS1 series?