Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4241-R2

  • AI
    The **M2AS1-4241-R2** is a specific technical part number often associated with the **M2AS Series** of industrial automation components, typically manufactured by companies like **Azbil (formerly Yamatake)** or similar industrial control providers. It is most commonly identified as a **Limit Switch** or a specific sub-assembly for a **Position Switch**. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications | Attribute | Description | | :--- | :--- | | **Component Type** | Vertical Limit Switch / Precision Switch | | **Actuator Type** | Roller Lever (typically adjustable) | | **Circuitry** | SPDT (Single Pole Double Throw) or 1NO/1NC | | **Contact Material** | Silver alloy (often gold-clad for low-current versions) | | **Environmental Rating** | Usually IP67 (Dust-tight and Water-resistant) | --- ### 2. Electrical Ratings The electrical performance depends on the load type (Resistive vs. Inductive). | Load Type | Voltage | Current Rating | | :--- | :--- | :--- | | **AC (Alternating Current)** | 125V / 250V AC | 5A - 10A | | **DC (Direct Current)** | 30V DC | 5A | | **DC (Low Power)** | 125V DC | 0.4A | --- ### 3. Key Electronic Features * **Snap-Action Mechanism:** This part utilizes a snap-action internal switch. This ensures that the transition between "Open" and "Closed" states happens rapidly, regardless of the speed of the physical actuator, which minimizes arcing and extends contact life. * **Insulation Resistance:** Typically rated at **100 MΩ minimum** (at 500V DC), ensuring no leakage current between the terminals and the ground. * **Dielectric Strength:** Capable of withstanding **1,000V AC to 1,500V AC** for one minute between non-continuous terminals. * **Vibration & Shock Resistance:** Designed for heavy machinery; usually rated to withstand 10 to 55Hz vibration and up to 1,000 m/s² shock. --- ### 4. Terminal Configuration The "-R2" suffix often denotes a specific wiring or connector configuration: 1. **Common (COM):** The input terminal. 2. **Normally Closed (NC):** The circuit is complete when the switch is at rest. 3. **Normally Open (NO):** The circuit completes only when the actuator is triggered. --- ### 5. Common Applications * **Conveyor Systems:** Detecting the position of pallets or packages. * **Machine Tools:** Limiting the travel distance of a CNC axis. * **Safety Interlocks:** Ensuring a protective door is closed before a machine starts.
    ✨ Follow-up Questions
    • ⤷ What is the mechanical life expectancy of the M2AS series switches?
    • ⤷ How does the 'R2' suffix specifically change the wiring compared to the base model?
    • ⤷ Can this switch be used in explosive environments (ATEX rated)?