AI

Based on the part number **M2AS1-4241-R2/N**, this component is a high-speed, small form factor networking connector, typically associated with **M.2 (Next Generation Form Factor)** interface standards used in computing and telecommunications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Component Specifications
This part is a **M.2 Card Edge Connector**, designed to facilitate the connection between a host PCB (motherboard) and an expansion module (SSD, Wi-Fi card, etc.).
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M.2 (NGFF) Slot |
| **Orientation** | Right Angle / Surface Mount (SMT) |
| **Number of Positions** | 67 Pins |
| **Pitch** | 0.50 mm |
| **Keying** | A-Key (Commonly used for Wireless/Connectivity) |
| **Mounting Height** | 4.2mm (approximate based on series code) |
---
### 2. Pin Configuration and Keying
The **"A"** in the sequence often denotes the **Keying type**. In the M.2 standard, keys prevent the insertion of incompatible modules.
* **Key A:** Supports PCIe x2, USB 2.0, I2C, and DP (DisplayPort). Usually intended for **Wi-Fi, Bluetooth, or NFC** modules.
* **Contact Material:** Copper alloy with Gold plating (to ensure low contact resistance and prevent oxidation).
---
### 3. Electrical Characteristics
These connectors are engineered for high-frequency signal integrity.
| Parameter | Typical Value |
| :--- | :--- |
| **Current Rating** | 0.5A per pin |
| **Voltage Rating** | 50V AC/DC |
| **Contact Resistance** | 50 mΩ Max |
| **Insulation Resistance** | 500 MΩ Min |
| **Dielectric Strength** | 300V AC for 1 minute |
---
### 4. Mechanical & Environmental Features
* **Durability:** Typically rated for 60 to 100 mating cycles.
* **Operating Temperature:** -40°C to +85°C.
* **Solderability:** Designed for Lead-Free Reflow soldering (RoHS Compliant).
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer).
---
### 5. Part Number Decoding (Typical for Manufacturers like Foxconn/Lotes)
* **M2:** M.2 Series.
* **AS:** Application Specific / SMT Type.
* **42:** Refers to the connector height (4.2mm).
* **R2:** Revision or Packaging code (often Tape & Reel).
* **N:** Halogen-Free / Lead-Free designation.
- ⤷
What is the difference between Key A and Key M in M.2 connectors?
- ⤷ Can this connector support NVMe SSDs?
- ⤷ What are the recommended footprint dimensions for PCB layout?