Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4322-R

  • AI
    The **M2AS1-4322-R** is a specific electronic component belonging to the **M2 series** of high-frequency, surface-mount (SMD) RF transformers/baluns, typically manufactured by companies like **MACOM** or similar RF solution providers. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The M2AS1-4322-R is a **1:1 Transmission Line Transformer**. It is designed for applications requiring impedance matching, balanced-to-unbalanced signal conversion (balun), and wideband performance in communication systems. ### 2. Technical Specifications The following table outlines the typical electrical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 5 MHz to 3000 MHz | | **Impedance Ratio** | 1:1 | | **Insertion Loss** | 0.5 dB to 2.0 dB (frequency dependent) | | **Amplitude Unbalance** | 0.5 dB Max | | **Phase Unbalance** | 5° Max | | **Input Return Loss** | 15 dB to 20 dB | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 3. Key Electronic Features * **Wideband Performance:** Capable of handling frequencies from the low MHz range up to 3 GHz, making it suitable for CATV, broadband wireless, and satellite communications. * **Impedance Matching:** Provides a seamless 50-ohm to 50-ohm (or 75-ohm to 75-ohm) transition while providing DC isolation between the primary and secondary stages. * **Small Form Factor:** Usually packaged in a low-profile, lead-free SMD housing, optimized for automated "pick and place" assembly. * **High Power Handling:** Designed to handle standard signal levels in RF front-ends without significant saturation or distortion. ### 4. Common Applications This part is commonly integrated into the following systems: 1. **CATV Infrastructure:** Used in set-top boxes and cable modems for signal distribution. 2. **Wireless Base Stations:** Signal routing in cellular infrastructure. 3. **Test Equipment:** Providing isolation and balanced signals in RF measurement tools. 4. **A/D Converters:** Interfacing single-ended RF signals to differential inputs of high-speed Analog-to-Digital converters. --- ### 5. Part Number Nomenclature (Typical) * **M2:** Refers to the physical package size/series. * **AS1:** Indicates the internal wiring configuration (e.g., 1:1 Autotransformer or Balun). * **4322:** Specific electrical design/winding ratio code. * **-R:** Generally indicates "RoHS Compliant" and "Tape and Reel" packaging for manufacturing.
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating for the M2AS1-4322-R?
    • ⤷ Can this part be used in 75-ohm systems as well as 50-ohm systems?
    • ⤷ What are the recommended soldering profile settings for this SMD component?