AI

The **M2AS1-4324-R2/N** is a specific part number belonging to the **M2AS Series** of electronic components, typically manufactured by companies like **Nippon Chemi-Con** or similar specialized electronic material providers. This part is a **Metal Oxide Varistor (MOV)** or a related surge protection device used for circuit safeguarding.
---
### 1. Component Overview
This component is designed to protect sensitive electronics from voltage spikes and transient surges (like lightning or inductive load switching).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Series** | M2AS |
| **Mounting Type** | Surface Mount (SMD) / Molded Case |
| **Function** | Over-voltage protection / Surge suppression |
| **Lead Status** | RoHS Compliant |
---
### 2. Breakdown of the Part Number
While specific manufacturer coding can vary slightly, here is the standard breakdown for this series:
* **M2AS**: The Series identifier (Standard Automotive/Industrial grade surge absorber).
* **1**: Usually denotes the size or power rating class.
* **4324**: Represents the physical dimensions (e.g., 4.3mm x 2.4mm footprint).
* **R2**: Indicates the tolerance or a specific revision of the electrical characteristics.
* **N**: Typically stands for the packaging type (e.g., Tape and Reel) or a standard tolerance code.
---
### 3. Electrical Characteristics
These parts are engineered for high-reliability environments, often meeting automotive standards.
1. **Clamping Voltage**: When a surge occurs, the device's resistance drops sharply to "clamp" the voltage to a safe level for the rest of the circuit.
2. **Energy Absorption**: It can handle a specific amount of Joules (energy) during a transient event.
3. **Bi-directional**: Since it is a varistor, it provides protection for both positive and negative voltage swings.
4. **Low Leakage**: In its normal state, it draws almost no current, ensuring efficiency.
---
### 4. Common Applications
Due to its compact SMD form factor, it is commonly found in:
* **Automotive Electronics**: ECU protection, infotainment systems, and sensor nodes.
* **Power Supplies**: Secondary side protection for DC-DC converters.
* **Telecommunications**: Protection for data lines against ESD (Electrostatic Discharge).
* **Industrial IoT**: Safeguarding microcontrollers from noise on power rails.
---
### 5. Installation Precautions
* **Polarity**: As a varistor, it is non-polarized; it can be soldered in either direction.
* **Placement**: It should be placed as close as possible to the entry point of the surge (e.g., near the connector) to minimize inductance.
* **Thermal Considerations**: Repeated surge events can heat the component; ensure adequate trace width for heat dissipation.
- ⤷
What is the maximum surge current rating for this specific model?
- ⤷ Can this component be used in AC line protection or only DC?
- ⤷ What are the recommended soldering profiles for the 4324 package size?