AI

The **M2AS1-4333-R/N** is a specialized electronic component, typically categorized as a **High-Frequency/RF Ferrite Core** or **Inductive Element**, often manufactured by companies like **Fair-Rite** or specialized magnetic core producers. These parts are essential for electromagnetic interference (EMI) suppression and signal integrity in high-speed circuits.
---
### 1. Technical Specifications
The "43" in the part number often refers to the **Material 43**, a common Nickel-Zinc (NiZn) ferrite material used for medium-to-high frequency applications.
| Feature | Description |
| :--- | :--- |
| **Material Type** | Nickel-Zinc (NiZn) Ferrite |
| **Permeability ($\mu_i$)** | Approximately 800 |
| **Frequency Range** | 1 MHz to 300 MHz (Optimal) |
| **Function** | EMI Suppression, Common Mode Choking |
| **Configuration** | Surface Mount (SMD) / Array Type |
---
### 2. Core Composition and Function
The device is designed to handle electronic noise through the following mechanisms:
* **Magnetic Permeability:** The NiZn material provides high magnetic resistance to high-frequency noise while allowing DC or low-frequency signals to pass with minimal attenuation.
* **Impedance Characteristics:** It acts as a frequency-dependent resistor. At higher frequencies, the component becomes highly resistive, dissipating noise as a small amount of heat.
* **Dual-Line/Array Structure:** The "M2" and "AS" designations often imply an array structure, allowing multiple signal lines to be filtered simultaneously within a single compact package.
---
### 3. Electronic Applications
These parts are integrated into electronic assemblies where space is limited and signal purity is critical:
1. **I/O Ports:** Filtering noise on USB, HDMI, or Ethernet differential lines.
2. **Power Supplies:** Suppressing high-frequency switching noise in DC-DC converters.
3. **Consumer Electronics:** Reducing EMI in smartphones, tablets, and laptops to meet regulatory standards (FCC/CE).
4. **Automotive:** Protecting sensitive sensor data from engine and motor interference.
---
### 4. Mounting and Schematic Representation
In a circuit schematic, this part is represented as an inductor or a bead.
```yaml
Symbol: L (Inductor) or FB (Ferrite Bead)
Mounting: SMT (Surface Mount Technology)
Reflow Profile: Standard Pb-Free (Lead-Free) soldering
```
---
- ⤷What is the difference between Material 43 and Material 77 in ferrite cores?
- ⤷ How do I calculate the required impedance for an EMI suppressor?
- ⤷ Can this part be used for power line filtering above 5 Amps?