M2AS1-4333-R2
AI

Based on the technical nomenclature, the **M2AS1-4333-R2** is a specific part number typically associated with high-performance **M.2 SSD (Solid State Drive) Carrier Cards** or **Storage Modules**, often used in industrial computing or server environments (such as those by Advantech or similar manufacturers).
Below is a breakdown of the electronic components and technical specifications associated with this type of hardware.
---
### 1. Technical Specifications
The M2AS1-4333-R2 functions as an interface bridge, allowing M.2 storage devices to communicate with a motherboard via a specific bus (usually PCIe).
| Component Feature | Specification Details |
| :--- | :--- |
| **Form Factor** | M.2 (80mm/60mm/42mm compatibility) |
| **Interface** | PCIe Gen 3 or Gen 4 x4 |
| **Connector Type** | M-Key (Socket 3) |
| **Revision** | R2 (Indicates the second hardware iteration/PCB layout) |
| **Operating Temp** | Typically Industrial Grade (-40°C to +85°C) |
---
### 2. Key Electronic Parts & Layout
The PCB (Printed Circuit Board) consists of several critical electronic sub-systems:
#### A. Power Management Integrated Circuits (PMIC)
* **Voltage Regulators:** Converts the 12V or 5V input from the system bus to the **3.3V** required by M.2 NVMe drives.
* **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the M.2 slot to filter high-frequency noise and ensure stable power delivery during peak read/write operations.
#### B. Signal Conditioning
* **Redrivers/Repeaters:** In some "R2" revisions, integrated circuits are used to boost the PCIe differential signals, ensuring data integrity over longer trace lengths or through high-density connectors.
* **Termination Resistors:** Used to prevent signal reflection on the high-speed data lines.
#### C. Physical Interface
* **Gold Fingers:** The edge connector that plugs into the host machine, usually plated with 30μ" gold to prevent oxidation.
* **M.2 Slot:** A physical 75-pin connector designed to hold the SSD module securely.
#### D. Thermal Management
* **Thermal Pads:** Often included in the R2 assembly to bridge the gap between the NAND flash/Controller and a heatsink.
* **Copper Pours:** Large areas of copper on the PCB layers used to dissipate heat away from the active components.
---
### 3. Block Diagram Logic
The electronic flow follows this path:
1. **Input:** PCIe Lane Signals + Power (from Host).
2. **Conversion:** Buck Converter steps down voltage to 3.3V.
3. **Transmission:** High-speed differential pairs carry data through signal conditioners.
4. **Output:** M.2 Socket (to SSD).
---
- ⤷
What is the maximum PCIe bandwidth supported by the R2 revision?
- ⤷ Does this part require specific drivers for OS recognition?
- ⤷ What are the mechanical dimensions for mounting this carrier card?