AI

The **M2AS1-4334-R** is a specific part number belonging to the **M2AS series**, which are high-performance, modular **Power Entry Modules (PEMs)** manufactured by **InPower** (or similar electronic component vendors focusing on power distribution).
These components are typically used in data centers, industrial power strips, and server rack environments.
---
### 1. Key Technical Specifications
The part number follows a modular coding system. Below is a breakdown of the electronic and physical characteristics generally associated with this specific model:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC Power Entry Module / Modular Socket |
| **Current Rating** | Typically 16A or 20A (depending on regional standards) |
| **Voltage Rating** | 125V / 250V AC |
| **Socket Type** | IEC C13 or C19 (Standardized for IT equipment) |
| **Mounting Style** | Snap-in or Panel Mount |
| **Termination** | Quick-connect terminals or Solder tabs |
---
### 2. Functional Components
The "M2AS" series usually integrates several electronic functions into a single housing to save space:
* **Integrated Circuit Breaker:** Protects the downstream device from overcurrent conditions.
* **EMI/RFI Filtering:** Many variants include a built-in electromagnetic interference filter to ensure "clean" power delivery to sensitive electronics.
* **Switching:** Often includes a rocker switch (illuminated or non-illuminated) for manual power control.
* **Insulation:** High-grade thermoplastic housing rated for UL 94V-0 (flame retardancy).
---
### 3. Part Number Breakdown (Typical)
While internal manufacturer codes vary, the suffix usually denotes:
* **4334:** Refers to the specific configuration of the switch, the fuse holder type, and the mounting flange dimensions.
* **-R:** Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free.
---
### 4. Common Applications
Due to its robust power handling, the M2AS1-4334-R is found in:
1. **Rack PDU (Power Distribution Units):** The "sockets" found on the back of server racks.
2. **Medical Equipment:** High-reliability power inlets.
3. **Industrial Machinery:** Providing a standardized interface for AC power input.
4. **Networking Hardware:** Switches, routers, and enterprise-grade firewalls.
---
- ⤷
What is the exact pin configuration for the M2AS1-4334-R termination?
- ⤷ Is this specific model equipped with a surge protector or just a standard fuse?
- ⤷ Can this part be used in 110V and 220V systems interchangeably?