Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4334-R2/CE

  • AI
    The **M2AS1-4334-R2/CE** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) RF module** or a specific **connector/antenna assembly** used in wireless communication. It is most commonly associated with **433 MHz** radio frequency applications. --- ### 1. Technical Specifications Below is a breakdown of the typical technical characteristics found in this series: | Parameter | Specification | | :--- | :--- | | **Primary Frequency** | 433.92 MHz | | **Interface Type** | M.2 (NGFF) or proprietary Pin-out | | **Operating Voltage** | 3.3V DC (Typical) | | **Mounting Type** | Surface Mount (SMD) | | **Compliance** | CE Certified (European Standards) | | **Revision** | R2 (Revision 2) | --- ### 2. Key Electronic Features 1. **RF Filtering:** The module incorporates internal Surface Acoustic Wave (SAW) filters to ensure frequency stability and to minimize interference from neighboring electronic signals. 2. **Impedance Matching:** The internal circuitry is tuned to **50 Ohms**, ensuring maximum power transfer between the module and the external antenna system. 3. **Low Power Consumption:** Designed for battery-operated devices, the "CE" designated versions often feature optimized "Sleep" and "Standby" currents. 4. **Signal Integrity:** The R2 revision typically indicates improved shielding or PCB layout enhancements over the original R1 to reduce Electromagnetic Interference (EMI). --- ### 3. Usage and Applications These parts are generally integrated into industrial or consumer electronics for short-range wireless data transmission: * **Smart Home Systems:** Wireless light switches, thermostats, and security sensors. * **Industrial Controls:** Remote telemetry and monitoring systems. * **Automotive:** Remote Keyless Entry (RKE) receivers or Tire Pressure Monitoring Systems (TPMS). --- ### 4. Code Implementation (Example Interface) If you are interfacing a 433MHz module like this with a microcontroller (e.g., Arduino/ESP32), the logical implementation usually involves a serial or bit-banging protocol. ```cpp // Basic initialization for a 433MHz Receiver module #include // RadioHead library #include RH_ASK driver; void setup() { Serial.begin(9600); if (!driver.init()) { Serial.println("Initialization failed"); } } void loop() { uint8_t buf[12]; uint8_t buflen = sizeof(buf); if (driver.recv(buf, &buflen)) { // Message received Serial.print("Message: "); Serial.println((char*)buf); } } ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the R2 revision?
    • ⤷ How does the 'CE' certification affect the transmission power limits?
    • ⤷ What is the maximum data rate supported by this 433MHz module?