M2AS1-4344-R
AI

The **M2AS1-4344-R** is a specific electronic component typically categorized as a **Micro-USB 2.0 Connector**. Specifically, it is a surface-mount (SMT) or hybrid through-hole connector often used in consumer electronics for charging and data transfer.
---
### 1. Key Technical Specifications
Based on standard industry data for this part number, here are the primary electrical and mechanical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B (Standard) |
| **Gender** | Receptacle (Female) |
| **Mounting Type** | Surface Mount (SMT) with Shield Tabs |
| **Current Rating** | ~1.0A to 1.8A (per pin) |
| **Voltage Rating** | 30V AC/DC |
| **Data Rate** | USB 2.0 (480 Mbps) |
| **Orientation** | Right Angle / Horizontal |
---
### 2. Physical Construction
The part is designed for high durability and efficient PCB assembly:
* **Housing:** High-temperature thermoplastic (usually LCP), capable of withstanding reflow soldering temperatures.
* **Contacts:** Copper alloy with Gold (Au) plating over Nickel (Ni) to prevent corrosion and ensure low contact resistance.
* **Shell:** Stainless steel or copper alloy with Tin or Nickel plating for electromagnetic interference (EMI) shielding and structural strength.
* **Shield Tabs:** Often features "through-hole" legs for the shield to provide mechanical stability, preventing the connector from being ripped off the board during cable insertion.
---
### 3. Pinout Configuration
The M2AS1-4344-R follows the standard 5-pin Micro-USB layout:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| **1** | VCC / VBUS | +5V Power Supply |
| **2** | D- | Data Minus |
| **3** | D+ | Data Plus |
| **4** | ID | OTG Identification (Host/Device) |
| **5** | GND | Ground |
| **Shell** | Shield | Chassis Ground / EMI Shielding |
---
### 4. Common Applications
* **Portable Electronics:** Smartphones, tablets, and MP3 players.
* **Power Banks:** Charging input ports.
* **IoT Devices:** Low-power sensors and microcontrollers (e.g., ESP32/Arduino boards).
* **Peripheral Devices:** Wireless mice, keyboards, and headsets.
- ⤷
What are the mechanical durability ratings (mating cycles) for this connector?
- ⤷ Is this part compatible with lead-free reflow soldering processes?
- ⤷ What is the recommended PCB footprint for the M2AS1-4344-R?