AI

The **M2AS1-4344-R2** is a specialized high-speed connector component, typically categorized as an **M.2 (NGFF) SMT (Surface Mount Technology) Card Edge Connector**. These parts are foundational in modern computing for interfacing SSDs, wireless cards, and cellular modules with motherboards.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (often associated with brands like **Lotes** or **Foxconn**). Below are the typical electronic and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Interface Type** | M.2 (Next Generation Form Factor) |
| **Mounting Type** | Right Angle, Surface Mount (SMT) |
| **Number of Positions** | 67-Pin (Standard for M.2) |
| **Keying** | Usually "M" Key (for PCIe x4/SATA SSDs) or "B" Key |
| **Height** | 4.4mm (Indicated by the "44" in the suffix) |
| **Pitch** | 0.50 mm |
| **Contact Material** | Copper Alloy with Gold Plating |
---
## 2. Key Components & Construction
### A. Contact Interface
The internal pins are designed with a **spring-action mechanism**. This ensures constant pressure against the gold fingers of the M.2 card, maintaining electrical continuity even under vibration.
### B. Signal Integrity Features
* **Impedance Control:** Designed to maintain 100 Ohms differential impedance to support PCIe Gen 3 and Gen 4 speeds.
* **EMI Shielding:** The metal "ears" or solder tabs on the sides provide mechanical grounding to the PCB, reducing electromagnetic interference.
### C. Material Composition
* **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding Reflow Soldering temperatures (approx. 260°C).
* **Plating:** Typically 15u" or 30u" Gold plating on the contact area to prevent oxidation over time.
---
## 3. Application Use Cases
The **R2** revision generally indicates a minor design refinement (often related to the solder peg shape or material improvements for better manufacturing yields).
* **Storage:** NVMe SSDs in laptops and NUCs.
* **Connectivity:** 4G/5G LTE modules in industrial gateways.
* **Edge Computing:** AI accelerator modules (like Google Coral or Hailo) using the M.2 form factor.
---
## 4. Soldering Footprint Example
When designing a PCB for this part, the landing pattern usually looks like this in code/script representations:
```python
# Conceptual PCB Land Pattern Data
component_data = {
"part_number": "M2AS1-4344-R2",
"pad_pitch": 0.5,
"total_pins": 67,
"mounting_legs": 2, # Mechanical solder tabs
"orientation": "90_degree_horizontal"
}
```
- ⤷
What is the specific difference between 'M' key and 'B' key versions of this connector?
- ⤷ How does the 4.4mm height affect thermal management in slim laptop designs?
- ⤷ What are the recommended reflow soldering profiles for LCP plastic connectors?