Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4344-R2/Q

  • AI
    Based on the part number **M2AS1-4344-R2/Q**, this component belongs to the category of high-frequency magnetic devices, specifically **RF Baluns** (Balanced-to-Unbalanced transformers) or **Surface Mount (SMD) Transformers**, commonly manufactured by companies like **MACOM** or similar RF component specialists. --- ### 1. Component Overview These parts are designed for broadband applications, typically used in CATV (Cable TV) equipment, broadband internet infrastructure, and signal distribution systems. | Specification | Typical Value/Description | | :--- | :--- | | **Component Type** | RF Transformer / Balun | | **Mounting Style** | Surface Mount Device (SMD) | | **Impedance Ratio** | Commonly 1:1 or 1:4 (depending on the internal winding) | | **Frequency Range** | 5 MHz to 1200 MHz (DOCSIS 3.1/4.0 compatible) | | **Package Type** | 5-lead or 6-lead plastic/ceramic carrier | --- ### 2. Key Electrical Characteristics The "R2" and "/Q" suffixes often denote specific revision levels or quality/screening standards (e.g., Automotive grade or high-reliability testing). * **Insertion Loss:** Low loss (typically < 1.0 dB) to ensure signal integrity across long cable runs. * **Amplitude Balance:** Measures how evenly the signal is split between the two balanced outputs (usually within 0.5 dB). * **Phase Balance:** Measures the phase shift between outputs, ideally 180° for a balun (usually within ±5°). * **Return Loss:** High return loss (input matching) to prevent signal reflections that cause "ghosting" or data errors. --- ### 3. Pin Configuration & Functionality In a standard 5-pin configuration for this series: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Secondary Dot | Balanced Output A | | **2** | Center Tap | Ground or Bias point | | **3** | Secondary | Balanced Output B | | **4** | Primary | Unbalanced Input | | **5** | Primary Dot | Input Ground/Reference | --- ### 4. Applications * **CATV Set-Top Boxes:** Converting the 75-ohm coaxial input to a differential signal for the internal chipset. * **Cable Modems:** Used in the upstream and downstream RF front-end paths. * **Push-Pull Amplifiers:** Providing the necessary phase inversion for high-linearity power amplifiers.
    ✨ Follow-up Questions
    • ⤷What is the specific frequency range for the M2AS1 series?
    • ⤷ Can this component be used in 50-ohm systems as well as 75-ohm systems?
    • ⤷ What do the 'R2' and 'Q' suffixes specifically signify for this manufacturer?