Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4411-R

  • AI
    The **M2AS1-4411-R** is a specific model of an **Active Optical Cable (AOC)**, typically manufactured by companies like Luxshare-ICT. These cables are designed for high-speed data transmission in data centers and high-performance computing (HPC) environments. Below is a breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The "M2AS1-4411-R" usually corresponds to a **200G QSFP56 to 2x 100G QSFP56** breakout AOC or a similar high-density interconnect. | Feature | Specification | | :--- | :--- | | **Form Factor** | QSFP56 (Quad Small Form-factor Pluggable) | | **Data Rate** | Up to 200 Gbps (Aggregate) | | **Modulation** | PAM4 (Pulse Amplitude Modulation 4-level) | | **Media Type** | Multimode Fiber (MMF) | | **Power Consumption** | Typically < 5W per end | | **Connector Type** | Integrated Transceivers (Plug-and-play) | --- ## 2. Internal Electronic Components Unlike passive copper cables (DACs), an AOC contains active electronic circuitry within the connector shells to convert electrical signals into optical signals and vice-versa. ### A. The Optical Engine * **VCSEL Laser (Transmitter):** Vertical-Cavity Surface-Emitting Lasers are used to convert electrical data into light pulses. In a 200G cable, there are typically 4 channels running at 50G PAM4 each. * **Photodiode (Receiver):** These components sense incoming light pulses and convert them back into electrical current. ### B. Integrated Circuits (ICs) * **DSP / Gearbox:** High-speed digital signal processors manage the PAM4 modulation, ensuring signal integrity over the fiber length and correcting for jitter. * **Laser Driver:** An analog circuit that provides the necessary current to drive the VCSELs based on the data input. * **TIA (Transimpedance Amplifier):** Located at the receiving end, it amplifies the weak current from the photodiode into a usable voltage signal. ### C. EEPROM (Management Interface) * Each end contains an EEPROM chip that stores the **DOM (Digital Optical Monitoring)** data, manufacturer info, serial numbers, and supported protocols. This allows the network switch to identify the cable and monitor temperature or voltage. --- ## 3. Comparison: AOC vs. DAC (Copper) | Component | AOC (M2AS1-4411-R) | DAC (Copper) | | :--- | :--- | :--- | | **Active Electronics** | Yes (DSP, Lasers, TIAs) | No (Passive) | | **Reach** | Up to 100 meters | Up to 3-5 meters | | **Weight** | Very Light | Heavy/Bulky | | **EMI Resistance** | High (Immune to EM interference) | Low | --- ## 4. Pinout Configuration The QSFP56 interface uses a standard 38-pin connector. Key electronic pins include: * **VCC:** Power supply (typically 3.3V). * **TX1n/p - TX4n/p:** Differential transmit pairs. * **RX1n/p - RX4n/p:** Differential receive pairs. * **SCL/SDA:** I2C interface for management and monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reach distance supported by the M2AS1-4411-R?
    • ⤷ How does PAM4 modulation differ from NRZ in these optical cables?
    • ⤷ What are the power requirements for a QSFP56 active optical cable?