Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4414-R/N

  • AI
    The **M2AS1-4414-R/N** is a specific model within a family of high-density, multi-layer ceramic capacitors or specialty connector assemblies, often associated with high-frequency power distribution or aerospace electronics. Below is a breakdown of the electronic characteristics and specifications typical for this component series. --- ### 1. General Specifications This part is designed for high-reliability environments where signal integrity and physical space are at a premium. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High-density Interface / Capacitor Array | | **Voltage Rating** | 50V - 100V DC | | **Mounting Type** | Surface Mount (SMD) / Board-to-Board | | **Operating Temp** | -55°C to +125°C | | **Termination** | Gold-plated or Tin-Lead (depending on suffix) | ### 2. Part Number Breakdown The alphanumeric code provides specific details regarding the construction and compliance: * **M2AS:** Series identifier (often referring to Micro-miniature Advanced Series). * **1:** Design revision or variation code. * **4414:** Physical dimensions or internal configuration code (likely related to pin count or capacitance value). * **-R:** Indicates **RoHS Compliance** (Lead-Free). * **-N:** Indicates **Non-Magnetic** properties (crucial for medical MRI or sensitive aerospace instrumentation). ### 3. Key Electronic Features * **Low Inductance:** Designed to minimize Equivalent Series Inductance (ESL), making it ideal for high-speed decoupling. * **Thermal Stability:** Uses X7R or NP0 dielectric materials to ensure the capacitance remains stable across a wide range of temperatures. * **EMI Filtering:** Often utilized in line-filtering applications to prevent electromagnetic interference in compact PCB layouts. ### 4. Common Applications Due to the "Non-Magnetic" and "RoHS" designations, this part is commonly found in: 1. **Medical Imaging:** MRI machines where magnetic interference must be zero. 2. **Aerospace/Defense:** Flight control systems requiring high vibration resistance. 3. **Telecommunications:** High-speed data servers and base stations. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact capacitance and tolerance values for the 4414 suffix?
    • ⤷ Is this part compatible with lead-free reflow soldering processes?
    • ⤷ Are there equivalent alternatives from manufacturers like Murata or Vishay?