Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4422-R2

  • AI
    The **M2AS1-4422-R2** is a high-performance, industrial-grade **M.2 (SATA) Solid State Drive (SSD)** typically manufactured by **Innodisk**. It belongs to the M2AS1 series, designed for embedded systems, automation, and industrial computing where reliability and compact form factors are critical. Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (42mm length) | | **Interface** | SATA III 6.0 Gb/s | | **Flash Type** | iCell / iSLC / MLC (Depending on specific sub-config) | | **Capacity Range** | 32GB to 256GB (Standard range) | | **Max Read Speed** | Up to 520 MB/s | | **Max Write Speed** | Up to 210 MB/s | | **Operating Temp** | Standard (0°C ~ +70°C) or Industrial (-40°C ~ +85°C) | | **Power Consumption** | Max: 2.0W | --- ### 2. Core Electronic Components The architecture of this SSD consists of several key integrated circuits (ICs) and protection mechanisms: #### A. The Controller The "brain" of the SSD. It manages the data flow between the SATA interface and the NAND flash memory. It handles: * **Wear Leveling:** Ensures even distribution of write cycles across flash blocks. * **Bad Block Management:** Identifies and bypasses failing memory cells. * **ECC (Error Correction Code):** Uses LDPC or BCH algorithms to correct data bit errors. #### B. NAND Flash Memory This part stores the actual data. The "R2" revision often signifies a hardware refresh or a specific generation of NAND (such as 3D TLC or specialized MLC). These chips are selected for high P/E (Program/Erase) cycles. #### C. Power Management Integrated Circuit (PMIC) Industrial SSDs like the M2AS1 series feature robust PMICs that protect against: * **Over-voltage:** Prevents damage from power spikes. * **In-rush Current:** Limits the current when the device is first powered on. --- ### 3. Key Electronic Features 1. **iData Guard™:** An electronic safety feature that monitors power levels. If a sudden power loss occurs, it ensures the last command is completed and data is safely moved from the volatile cache to the non-volatile NAND. 2. **Thermal Sensor:** An onboard thermistor allows the system to monitor the SSD's temperature via S.M.A.R.T. commands, preventing thermal throttling or hardware failure. 3. **Gold Finger Interface:** Uses 30μ” gold plating on the M.2 connectors to ensure a reliable electrical connection in high-vibration or humid environments. --- ### 4. Pinout Configuration (M.2 B+M Key) The M2AS1-4422-R2 typically utilizes the **B+M Key** notch configuration to ensure compatibility with various sockets. ```c // Example of Pin Mapping (simplified) Pins 1-11: GND and Power (3.3V) Pins 12-19: Reserved / Config Pins 41-49: SATA Transmit/Receive Differential Pairs Pins 70-75: 3.3V Power and GND ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between MLC and iSLC flash types in this model?
    • ⤷ How does the iData Guard technology prevent data corruption during power loss?
    • ⤷ Is this specific model compatible with NVMe M.2 slots?