Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4431-R2SLASHCE

  • AI
    The **M2AS1-4431-R2/CE** appears to be a specific model of an **Industrial Motherboard** or **Single Board Computer (SBC)**, often associated with industrial computing brands like Portwell or similar embedded system manufacturers. --- ## 1. Core Component Breakdown The model number typically dictates the architectural generation and specific I/O configuration. Based on industrial naming conventions, here are the likely electronic components: | Component Category | Description | Specifications (Typical) | | :--- | :--- | :--- | | **Form Factor** | ATX / Micro-ATX | Designed for rackmount or wallmount industrial chassis. | | **CPU Socket** | LGA (Land Grid Array) | Usually supports Intel Core i3/i5/i7 (often 4th/6th Gen based on "4431" series). | | **Chipset** | Intel Q-series / C-series | Supports Intel vPro and Active Management Technology (AMT). | | **Memory Slots** | DIMM Slots | Typically 2 or 4 slots supporting DDR3 or DDR4 Non-ECC RAM. | | **Expansion Slots** | PCIe / PCI | Combination of PCIe x16, PCIe x4, and legacy PCI slots. | --- ## 2. Key Electronic Interfaces Industrial boards like the **M2AS1** series are defined by their ruggedized electronic paths and connectivity: ### A. Power Delivery * **24-pin ATX Connector:** Standard power input. * **Solid Capacitors:** Often uses high-MTBF (Mean Time Between Failures) capacitors to ensure stability in 24/7 high-temperature environments. ### B. Input/Output (I/O) Controller * **Super I/O (LPC):** Manages legacy ports like RS-232/422/485 (COM ports), which are essential for connecting to industrial PLCs or CNC machinery. * **Ethernet Controllers:** Usually dual Intel Gigabit LAN (e.g., i210 or i219 series) for network redundancy. ### C. Storage and Data * **SATA III (6Gb/s):** Standard ports for SSDs/HDDs. * **mSATA / M.2:** Newer revisions of this board often include an onboard slot for compact flash storage. --- ## 3. The "/CE" Suffix Significance In industrial electronics, the suffix usually denotes certification or specific compliance: 1. **CE Mark:** Indicates the product meets European Union safety, health, and environmental protection requirements. 2. **Revision (R2):** Indicates this is the second hardware iteration, usually fixing bugs or updating component sourcing from the "R1" version. --- ## 4. Typical Block Diagram Logic ```mermaid graph TD CPU[Intel Core Processor] --- Northbridge[Chipset / PCH] Northbridge --- RAM[DDR Memory Slots] Northbridge --- PCIe[Graphics / Expansion] Northbridge --- SIO[Super I/O Chip] SIO --- COM[RS-232/485 Ports] Northbridge --- LAN[Dual Intel GigE] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific CPU socket type for the R2 revision?
    • ⤷ Does this motherboard support legacy PCI slots for older industrial cards?
    • ⤷ What are the power requirements and voltage tolerances for this board?