Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4442-R2

  • AI
    The **M2AS1-4442-R2** is a specialized high-performance RF (Radio Frequency) component, specifically an **SPDT (Single Pole Double Throw) Reflective Switch**. It is designed for microwave applications requiring high power handling and fast switching speeds. --- ### 1. General Specifications This part is typically used in military or aerospace applications due to its ruggedized design and specific frequency range. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | SPDT Reflective Switch | | **Frequency Range** | 1.0 to 18.0 GHz (Broadband) | | **Insertion Loss** | 2.5 dB - 3.0 dB (Max) | | **Isolation** | 60 dB (Min) | | **VSWR** | 2.0:1 (Max) | | **Switching Speed** | 50 ns to 100 ns | --- ### 2. Key Electronic Features #### A. Integrated TTL Driver The "M2" series usually includes an internal **TTL-compatible driver**. This simplifies the digital interface, allowing the switch to be controlled directly by logic circuits (0V for one path, +5V for the other) without needing external biasing networks. #### B. Reflective Configuration As a **Reflective Switch**, when a port is in the "OFF" state, the RF energy is reflected back toward the source rather than being absorbed. * **Pros:** Lower insertion loss and higher power handling. * **Cons:** Can cause VSWR issues if the preceding component is sensitive to reflected signals. #### C. Power Supply Requirements To operate the internal driver and the PIN diode switch matrix, the device typically requires dual DC voltage rails: * **V+:** +5 VDC * **V-:** -12 VDC to -15 VDC --- ### 3. Pinout and Interface While the exact physical footprint is a small modular package with SMA connectors, the electronic interface follows this logic: | Pin/Connector | Function | Description | | :--- | :--- | :--- | | **J1** | Common Port | RF Input/Output | | **J2 / J3** | Switched Ports | RF Path A and Path B | | **CTL** | Logic Input | TTL Control Signal | | **+V** | Positive Bias | Power for TTL Driver | | **-V** | Negative Bias | Power for PIN Diode biasing | --- ### 4. Typical Applications * **EW (Electronic Warfare):** Rapid signal gating and pulse modulation. * **Radar Systems:** Switching between transmit and receive paths (though usually requires a circulator if high power). * **Test Equipment:** Automated signal routing in high-frequency lab environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this reflective switch and an absorptive switch?
    • ⤷ What are the specific power handling capabilities (in Watts) for the R2 revision?
    • ⤷ How does temperature affect the switching speed of this component?