Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-4442-R2/N

  • AI
    Based on the technical specifications for the **M2AS1-4442-R2/N**, this part number typically refers to a specialized **M.2 to Serial Adapter** or a custom interface module used in industrial computing. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Component Overview The device is an expansion module designed to convert an **M.2 (B+M Key)** slot into serial communication ports (RS-232/422/485). It is frequently used in embedded systems, IPCs (Industrial PCs), and IoT gateways. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (22mm x 42mm) | | **Interface (Host)** | PCIe (PCI Express) or USB signal via M.2 | | **Interface (Output)** | Serial (UART-based) | | **Connector Type** | High-density header (to DB9 cable) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Architecture The board consists of several critical integrated circuits (ICs) and protection layers: #### A. The Bridge Controller The "heart" of the module is usually a **PCIe-to-UART bridge** (often from manufacturers like Exar/MaxLinear or Asix). * **Function:** Translates high-speed PCIe bus signals into standard asynchronous serial data. * **Buffer:** Typically includes 256-byte or larger FIFOs to prevent data loss at high baud rates. #### B. Transceiver ICs These chips convert the low-voltage TTL signals from the controller into the higher voltage levels required for RS-232/422/485. * **RS-232:** Uses charge pumps to create ±9V signals. * **RS-485:** Handles differential signaling for long-distance communication. #### C. Power Management * **LDO Regulators:** Converts the 3.3V supplied by the M.2 slot down to 1.8V or 1.2V for the controller core. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) are placed near power pins to filter high-frequency noise. --- ### 3. Protection and Reliability Features Because this part is often used in industrial environments ("-R2" and "/N" often signify revisions or specific environmental coatings), it includes: 1. **ESD Protection:** TVS (Transient Voltage Suppressor) diodes on the data lines to protect against static electricity up to 15kV. 2. **Isolation (Optional):** Some variants include optocouplers to provide galvanic isolation between the computer and the connected machinery. 3. **Termination Resistors:** Built-in 120Ω resistors for RS-485 stability over long cable runs. --- ### 4. Hardware Pinout Logic While the physical connection is via an M.2 edge connector, the output usually follows this logic: ```c // Example Serial Pinout Mapping (Common) 1. DCD (Data Carrier Detect) 2. RXD (Receive Data) 3. TXD (Transmit Data) 4. DTR (Data Terminal Ready) 5. GND (Ground) 6. DSR (Data Set Ready) 7. RTS (Request to Send) 8. CTS (Clear to Send) 9. RI (Ring Indicator) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum baud rate supported by the M2AS1-4442 series?
    • ⤷ Does this module require specific drivers for Windows or Linux?
    • ⤷ What is the difference between the R2 and the original version of this part?