Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M2AS1-5111-R2/CE

  • AI
    The **M2AS1-5111-R2/CE** is a specialized high-speed communication module, typically categorized as an **SFP (Small Form-factor Pluggable)** transceiver. These components are essential for converting electrical signals into optical signals (and vice versa) for data networking. --- ### 1. Technical Specifications The part number indicates specific physical and electronic characteristics standard for industrial networking. | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Interface Type** | LC Duplex (typically) | | **Data Rate** | Usually 100Mbps to 1.25Gbps (Gigabit Ethernet) | | **Media Type** | Multi-Mode Fiber (MMF) or Single-Mode Fiber (SMF) | | **Operating Voltage** | 3.3V DC | | **Compliance** | CE (European Conformity), RoHS | ### 2. Core Electronic Sub-assemblies Internally, the M2AS1-5111-R2/CE consists of several key electronic blocks: * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (typically VCSEL for multi-mode or FP/DFB for single-mode) and a driver circuit that converts electrical data bits into pulses of light. * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode (PIN or APD) and a Trans-Impedance Amplifier (TIA) to convert incoming light back into tiny electrical currents. * **Limiting Amplifier / Post-Amplifier:** Standardizes the electrical signal from the ROSA to ensure clean logic levels (0 and 1) for the host device (switch/router). * **EEPROM:** A small memory chip that stores identifying information, serial numbers, and vendor codes, allowing the host device to recognize the part via the I2C protocol. ### 3. Pinout and Interface The electronic connection to the host board is standardized by the SFP Multi-Source Agreement (MSA). ```markdown Pin Layout (Simplified): 1. VeeT - Transmitter Ground 2. TX_Fault - Transmit Error Indicator 3. TX_Disable - Laser Turn-off Control 4. SDA - I2C Data Line (Serial ID) 5. SCL - I2C Clock Line (Serial ID) 6. MOD_ABS - Module Absent indicator ... 12. RD- - Inverted Received Data 13. RD+ - Non-inverted Received Data ``` ### 4. Application Use-Case This part is commonly found in: * **Industrial Ethernet Switches:** Used in factory automation. * **Media Converters:** Converting copper RJ45 signals to fiber optic. * **Telecommunications:** Infrastructure for long-haul data transmission. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the R2/CE variant?
    • ⤷ Is this module hot-swappable in a live network switch?
    • ⤷ What are the specific temperature ratings for the industrial version of this part?