M2AS1-5114-R2
AI

The **M2AS1-5114-R2** is a specialized high-speed connector component, typically part of the **M2AS series** manufactured by vendors like **Amphenol** or **FCI/Bergquist**. These parts are primarily used in high-density backplane applications and data communication equipment.
---
### 1. Key Technical Specifications
Below are the general electronic and physical characteristics associated with this specific part series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | High-Speed Backplane Connector / Header |
| **Configuration** | Right-Angle (R2 designation often refers to specific pin geometry) |
| **Number of Pins** | Varies by configuration (usually high-density 50-200+) |
| **Pitch** | Typically 1.0mm to 2.0mm |
| **Data Rate Support** | Optimized for Differential Signals (e.g., PCIe, Ethernet) |
| **Contact Material** | Copper Alloy with Gold over Nickel Plating |
---
### 2. Electronic Functionality
The M2AS1-5114-R2 is designed to maintain signal integrity across PCB interfaces. Its electronic role includes:
* **Impedance Control:** The internal geometry of the pins is designed to match a specific differential impedance (usually 85Ω or 100Ω) to minimize signal reflection.
* **Crosstalk Reduction:** The shielding and grounding arrangement within the connector body are structured to prevent electromagnetic interference (EMI) between adjacent high-speed channels.
* **Current Rating:** While primarily for data, it typically supports a low current per pin (approx. 0.5A to 1.0A) for signaling and low-power logic.
---
### 3. Part Number Breakdown (Typical)
While proprietary to the manufacturer, the code generally breaks down as follows:
1. **M2AS1:** Series identifier (High-speed AirMax or similar architecture).
2. **5114:** Specific internal configuration, pin count, or housing dimensions.
3. **R2:** Revision 2 or **Right-Angle** orientation with specific lead lengths for through-hole or SMT mounting.
---
### 4. Common Applications
These parts are found in robust electronic environments:
* **Telecommunications:** Network switches and high-capacity routers.
* **Servers:** Connecting daughtercards to the motherboard/backplane.
* **Industrial Computing:** High-density I/O modules requiring reliable signal transmission.
- ⤷
What is the exact pin count for the 5114 variant?
- ⤷ Is there a compatible vertical mating connector for this right-angle part?
- ⤷ What is the maximum data rate (Gbps) supported by the M2AS series?