M2AS1-5122-R2
AI

The **M2AS1-5122-R2** is a specific technical part number typically associated with **M.2 Solid State Drive (SSD) adapter cards** or specialized interface modules used in industrial or server computing environments.
Below is a breakdown of the electronic components and technical characteristics generally associated with this class of hardware.
### 1. Technical Specifications Overview
This part acts as a bridge between an M.2 storage module and a host motherboard interface.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 (NGFF) to PCIe or Proprietary Header |
| **Protocol Support** | NVMe (PCIe Gen 3/4) and/or SATA III |
| **Keying** | M-Key or B+M Key compatibility |
| **Operating Voltage** | 3.3V DC (Standard for M.2) |
| **Dimensions** | Standardized M.2 lengths (usually 2280 or 22110) |
---
### 2. Key Electronic Components
The "R2" in the part number often signifies "Revision 2," implying an updated PCB layout or improved power delivery components.
#### A. Power Management Integrated Circuits (PMIC)
Since M.2 drives require a stable **3.3V** supply, these boards contain:
* **Voltage Regulators/LDOs:** To step down or stabilize input power from the host bus.
* **Decoupling Capacitors:** Small ceramic capacitors (MLCCs) located near the connector to filter high-frequency noise and prevent voltage drops during high-speed data bursts.
#### B. Signal Integrity Components
* **Coupling Capacitors:** Small surface-mount capacitors placed along the PCIe differential pairs to block DC bias while allowing high-speed AC data signals to pass.
* **EEPROM (Optional):** Some versions include a small memory chip to store configuration data or ID information for the host system to recognize the adapter.
#### C. Connectivity & Interface
* **M.2 Slot:** A high-density 75-pin connector designed for low contact resistance.
* **Gold Fingers:** The edge connector is typically plated with 30μ" gold to ensure durability over multiple insertion cycles and prevent oxidation.
---
### 3. Functional Architecture
The board functions as a **Passive or Active Interconnect**:
1. **Passive Mode:** The R2 revision likely optimizes the trace routing (differential impedance matching at 85-100 ohms) to ensure PCIe Gen 4 signal integrity without needing a redriver chip.
2. **LED Circuitry:** Most R2 models include a small transistor-driven circuit to power a "Status" or "Activity" LED, which flickers based on the **DAS/PDI (Device Activity Signal)** pin from the M.2 drive.
---
### 4. Typical Applications
* **Server Expansion:** Adding NVMe boot drives to legacy server motherboards.
* **Industrial PCs:** Providing robust mounting for storage in high-vibration environments.
* **Workstations:** Utilizing high-speed PCIe lanes for scratch disks.
- ⤷
What is the specific manufacturer for the M2AS1-5122-R2?
- ⤷ Does this part support PCIe Gen 4 or Gen 5 speeds?
- ⤷ Are there specific thermal requirements for installing this module?